Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB152G Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # DB152G
Description  Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

DB152G Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  DB152G Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd DB152G Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
DB
DBS
.404(10.3)
.386(9.80)
.255(6.5)
.245(6.2)
.013(0.33)
.0088(0.22)
.013(0.33)
.003(0.076)
.060(1.53)
.040(1.02)
.205(5.2)
.195(5.0)
.047(1.20)
.040(1.02)
.335(8.51)
.320(8.13)
0
45
.130(3.30)
.120(3.05)
Features
Glass passivated junction
Ideal for printed circuit board
Reliable low cost construction utilizing molded
plastic technique
High surge current capability
High temperature soldering guaranteed:
260 oC / 10 seconds at 5 lbs., ( 2.3 kg )
tension
Small size, simple installation
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
DB
151G
DB
152G
DB
153G
DB
154G
DB
155G
DB
156G
DB
157G
DB
158G
DB
159G
Type Number
Symbol
DBS
151G
DBS
152G
DBS
153G
DBS
154G
DBS
155G
DBS
156G
DBS
157G
DBS
158G
DBS
159G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800 1000 1200 1400
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
840
980
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800 1000 1200 1400
V
Maximum Average Forward Rectified Current
@TA = 40
oC
I(AV)
1.5
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
50
A
Maximum Instantaneous Forward Voltage
@ 1.5A
VF
1.1
1.25
V
Maximum DC Reverse Current
@ TA=25
oC at Rated DC Blocking Voltage
@ TA=125
oC
IR
5
500
uA
uA
Typical Thermal Resistance (Note)
RθJA
RθJL
40
15
oC/W
Operating Temperature Range
TJ
-55 to +150
oC
Storage Temperature Range
TSTG
-55 to +150
oC
Note: Thermal resistance from Junction to Ambient and from Junction to Lead Mounted on
P.C.B. with 0.4” x 0.4”” (10mm x 10mm) Copper Pads.
DB(S)151G - DB(S)159G
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - DB152G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
DB152G TSC-DB152G Datasheet
98Kb / 2P
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
logo
TAITRON Components Inco...
DB152G TAITRON-DB152G Datasheet
184Kb / 4P
1.5A Glass Passivated Bridge Rectifier
logo
America Semiconductor, ...
DB152G AMERICASEMI-DB152G Datasheet
406Kb / 2P
BRIDGE RECTIFIERS
logo
GeneSiC Semiconductor, ...
DB152G GENESIC-DB152G Datasheet
329Kb / 3P
Single Phase Glass Passivated Silicon Bridge Rectifier
DB152G GENESIC-DB152G Datasheet
602Kb / 3P
Single Phase Glass Passivated Silicon Bridge Rectifier
More results

Similar Description - DB152G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
KBP100G JGD-KBP100G Datasheet
122Kb / 2P
SINGLE PHASE 1.0 AMP GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
1W005 TSC-1W005_1 Datasheet
88Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
ABS2 TSC-ABS2 Datasheet
58Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
KBP101G TSC-KBP101G_10 Datasheet
468Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Shenzhen Luguang Electr...
DB101 LUGUANG-DB101 Datasheet
255Kb / 2P
Single Phase 1.0 AMP Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
ABS2 YEASHIN-ABS2 Datasheet
751Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Nanjing International G...
LB10M DGNJDZ-LB10M Datasheet
313Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
DB107S- DGNJDZ-DB107S- Datasheet
262Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
ABS2 DGNJDZ-ABS2_02 Datasheet
416Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Bytesonic Electronics C...
ABS2 BYTESONIC-ABS2 Datasheet
680Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
Version 1.3 2015/4/15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com