Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVPAF Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EVPAF
Description  3.0 mm2.6 mm SMD Light Touch Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVPAF Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EVPAF Datasheet HTML 1Page - Panasonic Semiconductor EVPAF Datasheet HTML 2Page - Panasonic Semiconductor EVPAF Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Light Touch Switches/EVPAF
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
– ES87 –
E
1
V
2
P
345678
AF
Product Code
Type
Height
9
Note: Non washable
■ Specifications
■ Features
● External dimensions: 3.0 mm 2.6 mm, Height 0.65 mm
● High operability
Equipped with an actuator (push plate)
■ Explanation of Part Numbers
3.0 mm
i2.6 mm SMD Light Touch Switches
Type:
EVPAF
■ Recommended Applications
● Operation switches for portable electronic equipment
(Mobile phone, Portable audio)
Type
Snap action/Push-on type SPST
Electrical
Rating
10 µA 2 Vdc to 20 mA 15 Vdc (Resistive load)
Contact Resistance
500 m
max.
Insulation Resistance
50 M
min. (at 100 Vdc)
Dielectric Withstanding Voltage
250 Vac for 1 minute
Bouncing
10 ms max. (ON, OFF)
Mechanical
Operating Force1.6 N, 2.4 N, 3.4 N
Travel
0.15 mm
EnduranceOperating Life
1.6 N, 3.4 N : 100000 cycles min., 2.4 N : 500000 cycles min.
Operating Temperature
–40 °C to +85 °C
Storage Temperature
–40 °C to +85 °C (Bulk)
–20 °C to +60 °C (Taping)
Minimum Quantity/Packing Unit
8000 pcs. Embossed Taping (Reel Pack)
Quantity/Carton
40000 pcs.
Sep. 2010
00


Similar Part No. - EVPAF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVPAF5B65 PANASONIC-EVPAF5B65 Datasheet
108Kb / 3P
3.0 mm2.6 mm SMD Light Touch Switches
EVPAF7B65 PANASONIC-EVPAF7B65 Datasheet
108Kb / 3P
3.0 mm2.6 mm SMD Light Touch Switches
EVPAFFB65 PANASONIC-EVPAFFB65 Datasheet
108Kb / 3P
3.0 mm2.6 mm SMD Light Touch Switches
EVPAFKB65 PANASONIC-EVPAFKB65 Datasheet
108Kb / 3P
3.0 mm2.6 mm SMD Light Touch Switches
More results

Similar Description - EVPAF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQPS PANASONIC-EVQPS Datasheet
210Kb / 4P
6.1 mm4.0 mm Side-operational SMD Light Touch Switches
EVQ-P1F05M PANASONIC-EVQ-P1F05M Datasheet
76Kb / 3P
6 mm Square Long Travel SMD Light Touch Switches
EVQ-P7B01K PANASONIC-EVQ-P7B01K Datasheet
144Kb / 4P
3.5 mm2.9 mm Side-operational SMD Light Touch Switches
EVQ-PSH02K PANASONIC-EVQ-PSH02K Datasheet
112Kb / 4P
6.1 mm4.0 mm Side-operational SMD Light Touch Switches
EVP-AFFG65 PANASONIC-EVP-AFFG65 Datasheet
108Kb / 3P
3.0 mm2.6 mm SMD Light Touch Switches
EVP-AFFB65 PANASONIC-EVP-AFFB65 Datasheet
108Kb / 3P
3.0 mm2.6 mm SMD Light Touch Switches
EVP-AA302K PANASONIC-EVP-AA302K Datasheet
78Kb / 4P
3.5 mm2.9 mm SMD Light Touch Switches
EVPAY PANASONIC-EVPAY Datasheet
330Kb / 8P
3.4 mmx2.9 mm SMD Light Touch Switches
EVPBB0AAE000 PANASONIC-EVPBB0AAE000 Datasheet
294Kb / 8P
Tactile Switches 2.6 mm x 1.6 mm SMD
EVPAW PANASONIC-EVPAW Datasheet
130Kb / 4P
3.0 mm횞2.0 mm SMD Light Touch Switches
201902-Fd
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com