Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9519 Datasheet(PDF) 21 Page - Torex Semiconductor

Part # XC9519
Description  Dual Output Step-Up/Inverting DC/DC Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9519 Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XC9519 Datasheet HTML 17Page - Torex Semiconductor XC9519 Datasheet HTML 18Page - Torex Semiconductor XC9519 Datasheet HTML 19Page - Torex Semiconductor XC9519 Datasheet HTML 20Page - Torex Semiconductor XC9519 Datasheet HTML 21Page - Torex Semiconductor XC9519 Datasheet HTML 22Page - Torex Semiconductor XC9519 Datasheet HTML 23Page - Torex Semiconductor XC9519 Datasheet HTML 24Page - Torex Semiconductor XC9519 Datasheet HTML 25Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
21/38
XC9519
Series
■
NOTES ON USE
1. For temporary, transitional voltage drop or voltage rising phenomenon, the IC is liable to malfunction should the ratings be exceeded.
2. The characteristics of this IC are highly dependent on peripheral circuits.
When selecting external components, refer to the specifications of each component and select so as not to exceed the ratings.
Some peripheral component selections may cause unstable operation.
Before use, sufficiently test operation using the actual equipment.
3. When the input voltage VIN is low and the output voltage VOUTP/VOUTN is high, the input current may be limited by the maximum duty limit and
the set output voltage may not be output.
4. If the step-up ratio is high and excessive load current flows, the input current may be limited by the maximum duty limit and maximum current
limit protection and short-circuit protection may not activate.
5. Do not connect a component other than CL_VR to the VREF pin.
If a component other than CL_VR is connected, the output voltage VOUTN of an inverting DC/DC converter may become unstable.
6. For external components, use the components specified in the standard circuit examples and component selection methods.
7. When the input voltage VIN is high and the output voltage VOUTP/VOUTN is low, intermittent oscillation may occur during PWM control.
8. If the step-up ratio is low in a step-up DC/DC converter, the output voltage VOUTP may become unstable during PFM/PWM switching control
(VMODE = "H").
9. During PFM/PWM switching control (VMODE = "H"), the output voltage may become unstable near switching between PFM mode and PWM mode.
V
OUTP:20mV/div
time:10μs/div
<External Components>
C
LP=4×4.7μF
L
P=3.3μH (VLF5014S-3R3M2R0)
SBD
P: CMS03
P-ch MOS: EMH1303
R
ZP=7.5kΩ, CZP=4.7nF
V
OUTP:50mV/div
time:20μs/div
<External Components>
C
LP=4×4.7μF
L
P=3.3μH (VLF5014S-3R3M2R0)
SBD
P: CMS03
P-ch MOS: EMH1303
R
ZP=7.5kΩ, CZP=4.7nF
Step-up DC/DC Converter: PWM/PFM MODE
(VIN=3.6V, VOUTP=5.0V, IOUTP=120mA
VENP="H", VENN="L", VMODE="H")
Step-up DC/DC Converter: PWM/PFM MODE
(VIN=4.4V, VOUTP=5.0V, IOUTP=200mA
VENP="H", VENN="L", VMODE="H")



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com