Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XCL201 Datasheet(PDF) 14 Page - Torex Semiconductor

Part # XCL201
Description  Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL201 Datasheet(HTML) 14 Page - Torex Semiconductor

Back Button XCL201 Datasheet HTML 10Page - Torex Semiconductor XCL201 Datasheet HTML 11Page - Torex Semiconductor XCL201 Datasheet HTML 12Page - Torex Semiconductor XCL201 Datasheet HTML 13Page - Torex Semiconductor XCL201 Datasheet HTML 14Page - Torex Semiconductor XCL201 Datasheet HTML 15Page - Torex Semiconductor XCL201 Datasheet HTML 16Page - Torex Semiconductor XCL201 Datasheet HTML 17Page - Torex Semiconductor XCL201 Datasheet HTML 18Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
14/21
XCL201/XCL202 Series
TEST CIRCUITS
< Circuit No.1 >
< Circuit No.2 >
VIN
Lx
VSS
CE
VOUT
A
V
CL
CIN
Wave Form Measure Point
VIN
Lx
VSS
CE
VOUT
A
1μF
※ External Components
CIN : 4.7μF(ceramic)
CL : 10μF(ceramic)
L1
L2
L2
L1
< Circuit No.3 >
< Circuit No.4 >
VIN
Lx
VSS
CE
VOUT
VIN
Lx
Wave Form Measure Point
L1
L1
V
100mA
CE
VOUT
Rpulldown
200Ω
1μF
ON resistance = (VIN-VLx)/100mA
VSS
< Circuit No.5 >
ILeakH
<Circuit No.6 >
Wave Form Measure Point
1μF
L2
L2
L1
L1
VIN
Lx
VSS
CE
VOUT
A
ILeakL
A
ICEH
ICEL
< Circuit No.7 >
VIN
Lx
VSS
CE
VOUT
Rpulldown
Ilat
Wave Form Measure Point
VIN
Lx
VSS
CE
VOUT
V
ILIM
1μF
1μF
1μF
<Circuit No.8 >
ILx
VIN
Lx
VSS
CE
VOUT
1uF
A
< Circuit No.9 >
VIN
Lx
VSS
CE
VOUT
A
CIN
L2
L2
L2
L2
L2
L1
L1
L1
< Circuit No.10 >
VIN
Lx
VSS
CE
VOUT
A
V
CL
L
CIN
Wave Form Measure Point
L1
L2
※ External Components
L : 4.7uH(選別品)
CIN : 4.7μF(ceramic)
CL : 10μF(ceramic)
* External Components
L: 4.7μH (Screening Parts)
CIN: 4.7μF (Ceramic)
CL: 10μF (Ceramic)
* External Components
CIN: 4.7μF (Ceramic)
CL: 10μF (Ceramic)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com