Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FGP10B Datasheet(PDF) 2 Page - Vishay Siliconix

Part # FGP10B
Description  Glass Passivated Ultrafast Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FGP10B Datasheet(HTML) 2 Page - Vishay Siliconix

  FGP10B Datasheet HTML 1Page - Vishay Siliconix FGP10B Datasheet HTML 2Page - Vishay Siliconix FGP10B Datasheet HTML 3Page - Vishay Siliconix FGP10B Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 88876
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 15-Mar-11
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FGP10B thru FGP10D
Vishay General Semiconductor
New Product
Note
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
Note
(1) Units mounted on PCB 10 mm x 10 mm copper pads
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
FGP10B
FGP10C
FGP10D
UNIT
Maximum instantaneous
forward voltage
1.0 A
VF (1)
0.95
V
Maximum DC reverse current at rated DC
blocking voltage
TA = 25 °C
IR (1)
2.0
μA
TA = 100 °C
50
Maximum reverse recovery time
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
35
ns
Typical junction capacitance
4.0 V, 1 MHz
CJ
25
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
FGP10B
FGP10C
FGP10D
UNIT
Maximum thermal resistance
RJA (1)
70
°C/W
RJL (1)
20
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
FGP10D-E3/54
0.30
54
5500
13" diameter paper tape and reel
FGP10D-E3/73
0.30
73
3000
Ammo pack packaging
FGP10DHE3/54 (1)
0.30
54
5500
13" diameter paper tape and reel
FGP10DHE3/73 (1)
0.30
73
3000
Ammo pack packaging
0
0.2
0.4
0.6
0.8
1.0
1.2
0
25
50
75
100
125
150
175
Ambient Temperature (°C)
1
10
100
5
10
15
20
25
30
0
Number of Cycles at 60 Hz
T
J = TJ Max.
8.3 ms Single Half Sine-Wave



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com