Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL016 Datasheet(PDF) 3 Page - AVX Corporation

Part # AL016
Description  Air Core RF Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

AL016 Datasheet(HTML) 3 Page - AVX Corporation

  AL016 Datasheet HTML 1Page - AVX Corporation AL016 Datasheet HTML 2Page - AVX Corporation AL016 Datasheet HTML 3Page - AVX Corporation AL016 Datasheet HTML 4Page - AVX Corporation AL016 Datasheet HTML 5Page - AVX Corporation AL016 Datasheet HTML 6Page - AVX Corporation AL016 Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
PHYSICAL DIMENSIONS
RECOMMENDED LAND PATTERNS
Air Core RF Inductors
AL Series
E
B
A
D
C
30°
0°
180°
Tinned Length
SIDE
END
TOP
Part Number
A
B
C
D
E
AL05A
1.42 ± 0.13
1.37 ± 0.15
0.89 ± 0.25
2.21 ± 0.25
1.83 ± 0.25
(0.056 ± 0.005)
(0.056 ± 0.005)
(0.035 ± 0.010)
(0.087 ± 0.010)
(0.072 ± 0.010)
AL05B
1.42 ± 0.13
1.37 ± 0.15
0.89 ± 0.25
4.04 ± 0.30
3.66 ± 0.30
(0.056 ± 0.005)
(0.056 ± 0.005)
(0.035 ± 0.010)
(0.159 ± 0.012)
(0.144 ± 0.012)
AL12A
3.05 max.
3.18 max.
0.58 ± 0.38
3.68 max.
2.92 ± 0.25
(0.120 max.)
(0.125 max.)
(0.023 ± .0.015)
(0.145 max.)
(0.115 ± 0.010)
AL12B
3.05 max.
3.18 max.
0.58 ± 0.38
6.86 max.
5.84 ± 0.25
(0.120 max.)
(0.125 max.)
(0.023 ± 0.015)
(0.270 max.)
(0.230 ± 0.010)
AL016
3.81
4.20 max.
1.53 ± 0.39
4.83 max.
4.32 ± 0.39
(0.150)
(0.165 max.)
(0.060 ± 0.015)
(0.190 max.)
(0.170 ± 0.015)
AL023
6.35 max.
5.90 max.
1.02 ± 0.39
10.55 max.
7.98 ± 0.51
(0.250 max.)
(0.232 max.)
(0.040 ± 0.015)
(0.415 max.)
(0.314 ± 0.020)
Part Number
A
B
C
D
E
AL05A
2.62
2.46
1.04
1.02
0.79
(0.103)
(0.097)
(0.041)
(0.040)
(0.031)
AL05B
4.45
2.46
2.87
1.02
0.79
(0.175)
(0.097)
(0.113)
(0.040)
(0.031)
AL12A
4.19
3.30
1.65
2.79
1.27
(0.165)
(0.130)
(0.065)
(0.110)
(0.050)
AL12B
7.24
3.30
4.70
2.79
1.27
(0.285)
(0.130)
(0.185)
(0.110)
(0.050)
AL016
5.80
5.16
2.85
2.62
1.48
(0.228)
(0.203)
(0.112)
(0.103)
(0.058)
AL023
10.0
4.70
5.95
2.42
2.04
(0.394)
(0.185)
(0.234)
(0.095)
(0.080)
mm (inches)
mm (inches)
e
d
b
c
a



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com