Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VB30150C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VB30150C
Description  Dual High-Voltage Trench MOS Barrier Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VB30150C Datasheet(HTML) 2 Page - Vishay Siliconix

  VB30150C Datasheet HTML 1Page - Vishay Siliconix VB30150C Datasheet HTML 2Page - Vishay Siliconix VB30150C Datasheet HTML 3Page - Vishay Siliconix VB30150C Datasheet HTML 4Page - Vishay Siliconix VB30150C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
New Product
V30150C, VF30150C, VB30150C & VI30150C
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 89047
Revision: 24-Jun-09
2
Notes
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
≤ 40 ms
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Breakdown voltage
IR = 1.0 mA
TA = 25 °C
VBR
150 (minimum)
-
V
Instantaneous forward voltage per diode (1)
IF = 5 A
IF = 7.5 A
IF = 15 A
TA = 25 °C
VF
0.72
0.81
1.11
-
-
1.36
V
IF = 5 A
IF = 7.5 A
IF = 15 A
TA = 125 °C
0.56
0.61
0.71
-
-
0.79
Reverse current per diode (2)
VR = 100 V
TA = 25 °C
TA = 125 °C
IR
1.5
2
-
-
µA
mA
VR = 150 V
TA = 25 °C
TA = 125 °C
-
4
200
20
µA
mA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
V30150C
VF30150C
VI30150C
VI30150C
UNIT
Typical thermal resistance per diode
RθJC
2.2
4.5
2.2
2.2
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AB
V30150C-E3/4W
1.89
4W
50/tube
Tube
ITO-220AB
VF30150C-E3/4W
1.75
4W
50/tube
Tube
TO-263AB
VB30150C-E3/4W
1.39
4W
50/tube
Tube
TO-263AB
VB30150C-E3/8W
1.39
8W
800/reel
Tape and reel
TO-262AA
VI30150C-E3/4W
1.46
4W
50/tube
Tube
Figure 1. Maximum Forward Current Derating Curve
Case Temperature (°C)
40
30
0
0
25
50
75
100
125
150
175
V(B,I)30150C
Resistive or Inductive Load
Mounted on Specific Heatsink
20
10
VF30150C
Figure 2. Forward Power Loss Characteristics Per Diode
0
2
6
14
02
8
12
Average Forward Current (A)
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
6
4
10
10
4
12
8
16
14
18
D = t
p/T
t
p
T



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com