Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP20 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMP20
Description  짹2.5째C Low-Power, Analog Out TEMPERATURE SENSOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP20 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP20 Datasheet HTML 2Page - Texas Instruments TMP20 Datasheet HTML 3Page - Texas Instruments TMP20 Datasheet HTML 4Page - Texas Instruments TMP20 Datasheet HTML 5Page - Texas Instruments TMP20 Datasheet HTML 6Page - Texas Instruments TMP20 Datasheet HTML 7Page - Texas Instruments TMP20 Datasheet HTML 8Page - Texas Instruments TMP20 Datasheet HTML 9Page - Texas Instruments TMP20 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
2.5
2.0
1.5
1.0
0.5
0
0.5
1.0
1.5
2.0
2.5
-
-
-
-
-
-75
-50
-25
0
25
50
75
100
125
150
Temperature( C)
°
39TypicalUnits
V+=2.7V
3.0
2.5
2.0
1.5
1.0
0.5
0
-75
-50
-25
0
25
50
75
100
125
150
SensorTemperature(°C)
Time(5ms/div)
V+=3.3V,T =+25 C
A
°
Time(2s/div)
0V
V+=3.3V
T stepfrom+25 Cto+110 C
A
°
°
TMP20
SBOS466 – DECEMBER 2009
www.ti.com
TYPICAL CHARACTERISTICS (continued)
TEMPERATURE ERROR vs
TEMPERATURE
MINIMUM SUPPLY VOLTAGE vs TEMPERATURE
Figure 7.
Figure 8.
THERMAL SETTLING
WIDEBAND OUTPUT NOISE VOLTAGE
(FLUID-FILLED TEMPERATURE BATH)
Figure 9.
Figure 10.
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TMP20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com