Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP100MDBVREP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMP100MDBVREP
Description  DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP100MDBVREP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP100MDBVREP Datasheet HTML 3Page - Texas Instruments TMP100MDBVREP Datasheet HTML 4Page - Texas Instruments TMP100MDBVREP Datasheet HTML 5Page - Texas Instruments TMP100MDBVREP Datasheet HTML 6Page - Texas Instruments TMP100MDBVREP Datasheet HTML 7Page - Texas Instruments TMP100MDBVREP Datasheet HTML 8Page - Texas Instruments TMP100MDBVREP Datasheet HTML 9Page - Texas Instruments TMP100MDBVREP Datasheet HTML 10Page - Texas Instruments TMP100MDBVREP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
TMP100−EP, TMP101−EP
DIGITAL TEMPERATURE SENSOR
WITH I2C INTERFACE
SGLS254A − JULY 2005 - REVISED APRIL 2010
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
configuration register
The configuration register is an 8-bit read/write register used to store bits that control the operational modes
of the temperature sensor. Read/write operations are performed MSB first. The format of the configuration
register for the TMP100 and TMP101 is shown in Table 6, followed by a breakdown of the register bits. The
power-up/reset value of the configuration register is all bits equal to 0. The OS/ALERT bit will read as 1 after
power-up/reset.
Byte
D7
D6
D5
D4
D3
D2
D1
D0
1
OS/ALERT
R1
R0
F1
F0
POL
TM
SD
Table 6. Configuration Register Format
shutdown mode (SD)
The shutdown mode of the TMP100 and TMP101 allows the user to save maximum power by shutting down
all device circuitry other than the serial interface, which reduces current consumption to less than 1
μA. For the
TMP100 and TMP101, shutdown mode is enabled when the SD bit is 1. The device shutdowns once the current
conversion is completed. For SD equal to 0, the device maintains continuous conversion.
thermostat mode (TM)
The thermostat mode bit of the TMP101 indicates to the device whether to operate in comparator mode (TM = 0)
or interrupt mode (TM = 1). For more information on comparator and interrupt modes, see the high and low limit
registers and SMBus alert function sections.
polarity (POL)
The polarity bit of the TMP101 allows the user to adjust the polarity of the ALERT pin output. If POL = 0, the
ALERT pin will be active low as shown in Figure 4. For POL = 1, the ALERT pin will be active high and the state
of the ALERT pin is inverted.
Measured
Temperature
THIGH
TLOW
TMP101 ALERT PIN
(Comparator Mode)
POL = 0
TMP101 ALERT PIN
(Interrupt Mode)
POL = 0
TMP101 ALERT PIN
(Comparator Mode)
POL = 1
TMP101 ALERT PIN
(Interrupt Mode)
POL = 1
Read
Read
Time
Read
Figure 4. Output Transfer Function Diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com