Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP815 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMP815
Description  VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP815 Datasheet(HTML) 2 Page - Texas Instruments

  TMP815 Datasheet HTML 1Page - Texas Instruments TMP815 Datasheet HTML 2Page - Texas Instruments TMP815 Datasheet HTML 3Page - Texas Instruments TMP815 Datasheet HTML 4Page - Texas Instruments TMP815 Datasheet HTML 5Page - Texas Instruments TMP815 Datasheet HTML 6Page - Texas Instruments TMP815 Datasheet HTML 7Page - Texas Instruments TMP815 Datasheet HTML 8Page - Texas Instruments TMP815 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
0.47 µF
to 1 µF
V
CC
5VREG
IN+
IN–
S-S
CPWM
SENSE
SGND
OUT2P
OUT2N
OUT1P
OUT1N
FG
Discharge Circuit
Discharge
Pulse
5VREG
Thermal Shutdown
Oscillator
Controller
CT
Hall
VTH
RMI
DRIVE LOCK TRUTH TABLE
(1)
SPEED CONTROL TRUTH TABLE
(1)
TMP815
SLDS153 – MAY 2009........................................................................................................................................................................................................ www.ti.com
BLOCK DIAGRAM
CPWM = H, VTH = RMI = S-S = L
IN–
IN+
CT
OUT1P
OUT1N
OUT2P
OUT2N
FG
MODE
H
L
L
L
L
OFF
H
L
OUT1
→ 2 drive
L
H
L
OFF
H
L
L
OFF
OUT2
→ 1 drive
H
L
H
OFF
L
OFF
H
L
Lock protection
L
H
H
OFF
H
OFF
L
OFF
(1)
For VTH, RMI, and S-S pins, see Figure 2.
CT = S-S = L
VTH, RMI
CPWM
IN–
IN+
OUT1P
OUT1N
OUT2P
OUT2N
MODE
L
H
H
L
L
L
OFF
H
OUT1
→ 2 Drive
L
H
L
H
OFF
H
L
L
OUT2
→ 1 Drive
H
L
H
L
OFF
L
OFF
H
Regeneration mode
H
L
L
H
OFF
H
OFF
L
(1)
For VTH, RMI, and S-S pins, see Figure 2.
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com