Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS37F128 Datasheet(PDF) 5 Page - Texas Instruments

Part # TMS37F128
Description  CONTROLLER REMOTE ACCESS IDENTIFICATION DEVICE (CRAID) WITH INTEGRATED MICROCONTROLLER, 3D WAKEUP RECEIVER, AND IMMOBILIZER INTERFACE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS37F128 Datasheet(HTML) 5 Page - Texas Instruments

  TMS37F128 Datasheet HTML 1Page - Texas Instruments TMS37F128 Datasheet HTML 2Page - Texas Instruments TMS37F128 Datasheet HTML 3Page - Texas Instruments TMS37F128 Datasheet HTML 4Page - Texas Instruments TMS37F128 Datasheet HTML 5Page - Texas Instruments TMS37F128 Datasheet HTML 6Page - Texas Instruments TMS37F128 Datasheet HTML 7Page - Texas Instruments TMS37F128 Datasheet HTML 8Page - Texas Instruments TMS37F128 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TMS37F128
www.ti.com
SCBS878 – APRIL 2012
Operating Characteristics
Part Number
TMS37F128D3IDBTRG4
Features
Immobilizer plus microcontroller with integrated power management
DST80 authentication logic
80-bit key length, 5-byte challenge, 3-byte signature
Mutual authentication: 65 ms
DST80 authentication time
Fast authentication: 42 ms
Microcontroller
16-bit RISC ultra-low power based on MSP430F1232 core
Supply voltage (VBAT)
1.8 V to 3.6 V
Active current consumption
300
μA (typ) (VCC = 2.2 V, fosc= 1 MHz, microcontroller active)
3.9
μA (typ) (three channels wake pattern active, microcontroller in LPM4, VCC = 3 V, TA =
Standby current consumption
25°C)
Transponder
Transmission Principle
HDX (half-duplex telegram protocol)
134.2 kHz
Operating Frequency
Integrated resonant frequency trimming capability via LF or Test interface
Security
Challenge/response, mutual authentication
Downlink
100% AM, PPM Bit coding with 2 kbit/s (typ)
Uplink
FSK modulation with 7.9 kbit/s (typ)
91-byte free available EEPROM user memory
EEPROM memory
133 bytes
32-bit unique serial number
EEPROM endurance
200 000 cycles (TA = 25°C) (min)
Clock reference for microcontroller
Resonant circuit can be used as clock reference for the microcontroller
Battery charge
Integrated battery charge functionality
Key learn-in
Special selective addressing to provide secure learn-in procedure
3D Wakeup Receiver
Sensitivity
4.2 mVpp (typ), 2.7 mVpp (min), 5.1 mVpp (max) (VCC = 2.8 V, TA = 25°C)
Sensitivity tuning
Separate for each channel and each wake pattern
Operating frequency
120 kHz to 140 kHz
Resonant frequency trimming
Separate for each channel
Wake pattern
Two independent wake patterns with selectable length: 0, 4, 8 or 16 bits
Microcontroller
Memory
8KB program memory, 256-byte RAM
User data flash memory
256-byte information memory
Flash program and erase endurance
100 000 cycles (typ) (TA = 25°C)
Flash data retention
10 years (min) (TA = 25°C)
Program, erase, read supply voltage
2.7 V (min)
I/O ports
17
Operating temperature
-40°C to 85°C
Package
44-pin TSSOP (DBT)
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TMS37F128



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com