Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX3100 Datasheet(PDF) 54 Page - Texas Instruments

Part # TNETX3100
Description  ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3100 Datasheet(HTML) 54 Page - Texas Instruments

Back Button TNETX3100 Datasheet HTML 50Page - Texas Instruments TNETX3100 Datasheet HTML 51Page - Texas Instruments TNETX3100 Datasheet HTML 52Page - Texas Instruments TNETX3100 Datasheet HTML 53Page - Texas Instruments TNETX3100 Datasheet HTML 54Page - Texas Instruments TNETX3100 Datasheet HTML 55Page - Texas Instruments TNETX3100 Datasheet HTML 56Page - Texas Instruments TNETX3100 Datasheet HTML 57Page - Texas Instruments TNETX3100 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 80 page
background image
TNETX3100
ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS031D – JUNE 1997 – REVISED OCTOBER 1997
54
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
glossary (continued)
RX and TX frames 1024–1518
The total number of packets (including bad packets) received and transmitted that were between 1024 and 1518
octets in length inclusive (excluding framing bits but including FCS octets). If the LONG bit is set, this statistic
counts frames that are between 1024 and 1535 octets in length inclusive (excluding framing bits but including
FCS octets).
RX CRC errors
A count of frames received on a particular interface that is an integral number of octets in length but does not
pass the FCS check.
RX H/W errors
The function of this counter is performed by the filtered RX frames counter.
RX fragments
The total number of packets received that were less than 64 octets in length (excluding framing bits, but
including FCS octets) and had either a bad FCS with an integral number of octets (FCS error) or a bad FCS
with a nonintegral number of octets (alignment error).
RX jabbers
The total number of packets received that were longer than 1518 octets (excluding framing bits, but including
FCS octets), and had either a bad frame-check sequence (FCS) with an integral number of octets (FCS error)
or a bad FCS with a nonintegral number of octets (alignment error). If the LONG bit in the system control register
is set, RX jabber is redefined as being longer than 1535 octets.
RX octets
This contains a count of data and padding octets in frames that were successfully received. This does not
include octets in frames received with frame-too-long, FCS, length, or alignment errors. (IEEE Std 802.3
Supplements, Layer Management (section 5) 5.2.2.1.3, number 2).
RX overruns port (00–09)
The number of frames lost due to a lack of resources during frame reception. This counter is incremented when
frame data cannot enter the RX FIFO for any reason. Frames that overrun after entering the FIFO also can be
counted as RX discards (if they are not cut-through).
single-collision TX frames
A count of successfully transmitted frames on a particular interface for which transmission is inhibited by exactly
one collision.
signal-quality error (SQE) test errors
A count of times that the SQE test error is generated by the PHY sublayer for a particular interface. The SQE
test error is defined in section 7.2.2.2.4 of ANS/IEEE Std 802.3-1985 and its generation is described in
section 7.2.4.6 of the same document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com