Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX3151PGV Datasheet(PDF) 6 Page - Texas Instruments

Part # TNETX3151PGV
Description  ThunderSWITCHE 12/3 ETHERNETE SWITCH WITH 12 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3151PGV Datasheet(HTML) 6 Page - Texas Instruments

Back Button TNETX3151PGV Datasheet HTML 2Page - Texas Instruments TNETX3151PGV Datasheet HTML 3Page - Texas Instruments TNETX3151PGV Datasheet HTML 4Page - Texas Instruments TNETX3151PGV Datasheet HTML 5Page - Texas Instruments TNETX3151PGV Datasheet HTML 6Page - Texas Instruments TNETX3151PGV Datasheet HTML 7Page - Texas Instruments TNETX3151PGV Datasheet HTML 8Page - Texas Instruments TNETX3151PGV Datasheet HTML 9Page - Texas Instruments TNETX3151PGV Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 65 page
background image
TNETX3151
ThunderSWITCH
™ 12/3 ETHERNET™ SWITCH
WITH 12 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
SPWS048A – MARCH 1998 – REVISED APRIL 1999
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
10-Mbit/s MAC multiplexed interface (ports 04–15) is multiplexed into one group of eight
ports (TH2) and one group of four ports (TH1)
TERMINAL
I/O
INTERNAL
DESCRIPTION
NAME
NO.
I/O
RESISTOR‡
DESCRIPTION
TH1CLK
TH2CLK
2
23
I
Pullup
Interface clock. Four ports are supported by TH1CLK and eight ports are supported by
TH2CLK, using a common 20-MHz clock.
TH1COL
TH2COL
3
24
I
Pulldown
Interface collision sense. Assertion of THxCOL during half-duplex operation indicates
network collision on the current port. Additionally, during full-duplex operation, transmission
of new frames does not start if this terminal is asserted.
TH1CRS
TH2CRS
5
25
I
Pulldown
Interface carrier sense. THxCRS indicates a frame carrier signal is being received on a current
port.
TH1LINK
TH2LINK
13
32
I
Pulldown
Interface link presence. THxLINK indicates the presence of the connection on a port.
– Low = no link
– High = link good
TH1RENEG
TH2RENEG
233
15
O
None
Interface renegotiate. A 1-0-1 sequence output on THxRENEG causes flow control and
half/full duplex for a port to be renegotiated with its companion physical-layer (PHY) device.
These THxRENEG terminals connect to IFFORCEHD on TNETE2008.
TH1RXD3
TH1RXD2
TH1RXD1
TH1RXD0
TH2RXD3
TH2RXD2
TH2RXD1
TH2RXD0
11
10
9
7
30
29
28
27
I
Pullup
Interface receive data. The receive data nibble from the current port is synchronous to
THxCLK. When the THxRXDV signal is 1, the receive data terminals contain valid information.
THxRXD0 is the least significant bit and THxRXD3 is the most significant bit. These signals
also are used to report the channel state to the MAC.
TH1TXEN
TH2TXEN
240
21
O
None
Interface transmit enable. THxTXEN indicates valid transmit data on THxTXD.
TH1SYNC
TH2SYNC
1
22
I
Pullup
Interface synchronize. THxSYNC is used to synchronize the port traffic between the
media-access controller (MAC) and PHY. When THxSYNC is a 1, the current MAC-to-PHY
path is the multiplexer interface TH0, and the PHY-to-MAC path is the multiplexer interface
TH2. THxSYNC is sampled by the MAC on the falling edge of THxCLK.
TH1TXD3
TH1TXD2
TH1TXD1
TH1TXD0
TH2TXD3
TH2TXD2
TH2TXD1
TH2TXD0
239
237
236
234
20
19
18
16
O
None
Interface transmit data. The transmit data nibble for the current port is synchronous to
THxCLK. When THxTXEN is asserted, these signals carry data. THxTXD3–THxTXD0 are
used during renegotiation to convey flow-control and duplex configuration requests to the
PHY. THxTXD0 is the least significant bit and THxTXD3 is the most significant bit.
TH1RXDV
TH2RXDV
6
26
I
Pulldown
Interface receive data valid. When THxRXDV is a 1, it indicates that the THxRXD lines contain
valid data.
† THx = TH1 and TH2
‡ Internal resistors are provided to pull signals to known values. System designers should determine if additional pullups or pulldowns are required
in their system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com