| Electronic Components Datasheet Search |
|
TNETX3190 Datasheet(PDF) 31 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX3190 Datasheet(HTML) 31 Page - Texas Instruments |
|
31 / 66 page ![]() TNETX3190 ThunderSWITCH ™ 16/3 ETHERNET™ SWITCH WITH 16 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS SPWS046B – FEBRUARY 1998 – REVISED APRIL 1999 31 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Table 11. 10-Mbit/s Interface Connections TNETX3190 TERMINAL TNETE2008 TERMINAL THxCLK ← IFCLK THxSYNC ← IFSYNC THxCOL ← IFCOL THxCRS ← IFCRS THxLINK ← IFLINK THxRXD3 ← IFRXD3 THxRXD2 ← IFRXD2 THxRXD1 ← IFRXD1 THxRXD0 ← IFRXD0 THxRXDV ← IFRXDV THxTXD3 → IFTXD3 THxTXD2 → IFTXD2 THxTXD1 → IFTXD1 THxTXD0 → IFTXD0 THxTXEN → IFTXEN THxRENEG → IFFORCEHD Where x = 1 or 2 The time multiplexing of this interface is shown in Figure 6. The interface runs synchronous to the PHY-generated 20-MHz clock IFCLK. The MAC-to-PHY information for the first port in each group of eight (i.e., port 00 or port 08) is presented on the interface when the THxSYNC terminal is high. The next clock cycle that the interface carries is the information for the second port. This process continues for all eight ports, each using the interface for one cycle. When all ports have been processed in this manner, the sequence resumes with the first port and again when the THxSYNC signal is asserted. To improve latency-related issues, the PHY-to-MAC data are skewed by two slots, allowing the MAC to respond to the input signals from the PHY in the same 400-ns cycle, rather than waiting for the next 400-ns cycle (which would be the case if the signals were not skewed). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |