| Electronic Components Datasheet Search |
|
TNETX3270PGV Datasheet(PDF) 6 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX3270PGV Datasheet(HTML) 6 Page - Texas Instruments |
|
6 / 66 page ![]() TNETX3270 ThunderSWITCH ™ 24/3 ETHERNET™ SWITCH WITH 24 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS SPWS043B – NOVEMBER 1997 – REVISED APRIL 1999 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Terminal Functions 10-Mbit/s MAC multiplexed interface (ports 00–23) is multiplexed into three groups (TH0, TH1, and TH2) of eight ports† TERMINAL I/O INTERNAL DESCRIPTION NAME NO. I/O RESISTOR‡ DESCRIPTION TH0CLK TH1CLK TH2CLK 222 2 23 I Pullup Interface clock. Eight ports are supported on each interface and use this common 20-MHz clock. TH0COL TH1COL TH2COL 223 3 24 I Pulldown Interface collision sense. Assertion of THxCOL† during half-duplex operation indicates network collision on the current port. Additionally, during full-duplex operation, transmission of new frames does not start if this terminal is asserted. TH0CRS TH1CRS TH2CRS 224 5 25 I Pulldown Interface carrier sense. THxCRS† indicates a frame carrier signal is being received on a current port. TH0LINK TH1LINK TH2LINK 232 13 32 I Pulldown Interface link presence. THxLINK† indicates the presence of the connection on a port. – Low = no link – High = link good TH0RENEG TH1RENEG TH2RENEG 213 233 15 O None Interface renegotiate. A 1-0-1 sequence output on THxRENEG causes flow control and half/full duplex for a port to be renegotiated with its companion physical-layer (PHY) device. These THxRENEG terminals connect to IFFORCEHD on TNETE2008. TH0RXD3 TH0RXD2 TH0RXD1 TH0RXD0 TH1RXD3 TH1RXD2 TH1RXD1 TH1RXD0 TH2RXD3 TH2RXD2 TH2RXD1 TH2RXD0 231 230 228 227 11 10 9 7 30 29 28 27 I Pullup Interface receive data. The receive data nibble from the current port is synchronous to THxCLK. When the THxRXDV signal is 1, the receive data terminals contain valid information. THxRXD0 is the least significant bit and THxRXD3 is the most significant bit. These signals also are used to report the channel state to the MAC. TH0TXEN TH1TXEN TH2TXEN 219 240 21 O None Interface transmit enable. THxTXEN indicates valid transmit data on THxTXD. TH0SYNC TH1SYNC TH2SYNC 221 1 22 I Pullup Interface synchronize. THxSYNC is used to synchronize the port traffic between the media-access controller (MAC) and PHY. When THxSYNC is a 1, the current MAC-to-PHY path is the multiplexer interface TH0, and the PHY-to-MAC path is the multiplexer interface TH2. THxSYNC is sampled by the MAC on the falling edge of THxCLK. † THx = TH0, TH1, and TH2 ‡ Internal resistors are provided to pull signals to known values. System designers should determine if additional pullups or pulldowns are required in their system. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |