Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST27SF256 Datasheet(PDF) 17 Page - Silicon Storage Technology, Inc

Part # SST27SF256
Description  256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST27SF256 Datasheet(HTML) 17 Page - Silicon Storage Technology, Inc

Back Button SST27SF256 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST27SF256 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST27SF256 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST27SF256 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST27SF256 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST27SF256 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST27SF256 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST27SF256 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST27SF256 Datasheet HTML 21Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Data Sheet
256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit Multi-Purpose Flash
SST27SF256 / SST27SF512 / SST27SF010 / SST27SF020
17
©2001 Silicon Storage Technology, Inc.
S71152-02-000
5/01
502
FIGURE 13: CHIP-ERASE ALGORITHM FOR SST27SF256
Start
VPP = VPPH, A9 = VH
VPP = VDD or VSS
A9 = VIL or VIH
Wait for VPP and A9
Recovery Time
Erase 100ms pulse
(CE# = VIL)
Read Device
(CE# = OE# = VIL)
Device Passed
Compare All
bytes to FFH
Device Failed
502 ILL F08a.2
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com