Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST29EE020 Datasheet(PDF) 21 Page - Silicon Storage Technology, Inc

Part # SST29EE020
Description  2 Mbit (256K x8) Page-Mode EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29EE020 Datasheet(HTML) 21 Page - Silicon Storage Technology, Inc

Back Button SST29EE020 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST29EE020 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST29EE020 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST29EE020 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST29EE020 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST29EE020 Datasheet HTML 22Page - Silicon Storage Technology, Inc SST29EE020 Datasheet HTML 23Page - Silicon Storage Technology, Inc SST29EE020 Datasheet HTML 24Page - Silicon Storage Technology, Inc SST29EE020 Datasheet HTML 25Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Data Sheet
2 Mbit Page-Mode EEPROM
SST29EE020 / SST29LE020 / SST29VE020
21
©2001 Silicon Storage Technology, Inc.
S71062-06-000
6/01
307
FIGURE 18: SOFTWARE PRODUCT COMMAND FLOWCHARTS
307 ILL F17.1
Write data: AAH
Address: 5555H
Software Product ID Entry
Command Sequence
Write data: 55H
Address: 2AAAH
Pause 10 µs
Write data: 90H
Address: 5555H
Read Software ID
Write data: AAH
Address: 5555H
Software Product ID Exit &
Reset Command Sequence
Write data: 55H
Address: 2AAAH
Pause 10 µs
Write data: F0H
Address: 5555H
Return to normal
operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com