Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST30VR022 Datasheet(PDF) 10 Page - Silicon Storage Technology, Inc

Part # SST30VR022
Description  2 Mbit ROM 1 Mbit / 2Mbit / 256 Kbit SRAM ROM/RAM Combo
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST30VR022 Datasheet(HTML) 10 Page - Silicon Storage Technology, Inc

Back Button SST30VR022 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST30VR022 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST30VR022 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST30VR022 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST30VR022 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST30VR022 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST30VR022 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST30VR022 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST30VR022 Datasheet HTML 12Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Data Sheet
2 Mbit ROM + 1 Mbit / 2Mbit / 256 Kbit SRAM
ROM/RAM Combo
SST30VR021 / SST30VR022 / SST30VR023
©2001 Silicon Storage Technology, Inc.
S71135-02-000
4/01
380
SST30VR021 Valid combinations
SST30VR021-500-C-WH
SST30VR021-500-C-U1
SST30VR021-500-E-WH
SST30VR022 Valid combinations
SST30VR022-70-C-WH
SST30VR022-70-C-U1
SST30VR022-70-E-WH
SST30VR023 Valid combinations
SST30VR023-500-C-WH
SST30VR023-500-C-U1
SST30VR023-500-E-WH
Example:
Valid combinations are those products in mass production or will be in mass production. Consult your SST sales
representative to confirm availability of valid combinations and to determine availability of new combinations.
C-Spec Number
Package Modifier
H = 32 leads
Numeric = Die modifier
Package Type
W = TSOP (8mm x 14mm)
U = Die only
Temperature Range
C = Commercial = 0°C to +70°C
E = Extended = -20°C to +85°C
Read Access Speed
70 = 70 ns
500 = 500 ns
Device Density
021 = 2 Mbit ROM +
1 Mbit SRAM
022 = 2 Mbit ROM +
2 Mbit SRAM
023 = 2 Mbit ROM + 256 Kbit SRAM
Voltage Range
V = 2.7-3.3V
Device Family
30 = ROM/RAM Combo
Device
Speed
Suffix1
Suffix2
SST30 VR023
-XXX
-X
-XX
-
RXXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com