Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST30VR041 Datasheet(PDF) 8 Page - Silicon Storage Technology, Inc

Part # SST30VR041
Description  4 Mbit ROM 1 Mbit / 256 Kbit SRAM ROM/RAM Combo
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST30VR041 Datasheet(HTML) 8 Page - Silicon Storage Technology, Inc

Back Button SST30VR041 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST30VR041 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST30VR041 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST30VR041 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST30VR041 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST30VR041 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST30VR041 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST30VR041 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST30VR041 Datasheet HTML 10Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Preliminary Specifications
4 Mbit ROM + 1 Mbit / 256 Kbit SRAM ROM/RAM Combo
SST30VR041 / SST30VR043
©2001 Silicon Storage Technology, Inc.
S71134-02-000
4/01
381
FIGURE 8: SRAM WRITE CYCLE TIMING DIAGRAM
TABLE
8: FUNCTIONAL DESCRIPTION/TRUTH TABLE
Address Inputs
ROMCS#
OE#/RAMCS#1
(Pin 32)
1. OE# & RAMCS# are pin-shared
WE#
DQ7-DQ0
X2
2. X means Don’t Care.
H
H
X
Z
Standby
AMS3-A0
3. For ROM: AMS = A18 for SST30VR041 and SST30VR043
L
OE# (H)
X
Z
Output Floating
AMS3-A0
LOE# (L)
X
DOUT
ROM Read
Only AMS4-A0 are valid
4. For RAM: AMS = A16 for SST30VR041, A18-A17 must be fixed to “L” or “H”
AMS = A14 for SST30VR043, A18-A15 must be fixed to “L” or “H”
HRAMCS# (L)
H
DOUT
RAM Read
Only AMS4-A0 are valid
H
RAMCS# (L)
L
DIN
RAM Write
T8.3 381
TWC
TAW
TCW(2)
TOH
TDH
TDW
TOW
TWR(4)
Data Valid
381 ILL F06.0
Data In
Data Out
WE#
OE#/RAMCS#
High-Z
High-Z (6)
(7)
(8)
Address
TWP(1)
TAS(3)
TWHZ(5)
Notes: 1. A write occurs during the overlap (TWP) of a low RAMCS# and low WE#. A write begins at the latest transition among
RAMCS# going low and WE# going low: A write end at the earliest transition among RAMCS# going high and WE# going high,
TWP is measured from the beginning of write to the end of write.
2. TCW is measured from the later of RAMCS# going low to the end of write.
3. TAS is measured from the address valid to the beginning of write.
4. TWR is measured from the end of write to the address change.
5. If RAMCS#, WE# are in the read mode during this period, the I/O pins are in the outputs Low-Z state.
Inputs of opposite phase of the output must not be applied because bus contention can occur.
6. If RAMCS# goes low simultaneously with WE# going low or after WE# going low, the outputs remain high impedance state.
7. DOUT is the same phase of the latest written data in this write cycle.
8. DOUT is the read data of new address
9. ROMCS# = VIH



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com