Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3897PDRYR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3897PDRYR
Description  Single-Channel, Adjustable Supervisory Circuit in Ultra-Small Package
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3897PDRYR Datasheet(HTML) 2 Page - Texas Instruments

  TPS3897PDRYR Datasheet HTML 1Page - Texas Instruments TPS3897PDRYR Datasheet HTML 2Page - Texas Instruments TPS3897PDRYR Datasheet HTML 3Page - Texas Instruments TPS3897PDRYR Datasheet HTML 4Page - Texas Instruments TPS3897PDRYR Datasheet HTML 5Page - Texas Instruments TPS3897PDRYR Datasheet HTML 6Page - Texas Instruments TPS3897PDRYR Datasheet HTML 7Page - Texas Instruments TPS3897PDRYR Datasheet HTML 8Page - Texas Instruments TPS3897PDRYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
TPS3895, TPS3896
TPS3897, TPS3898
SBVS172A
– JULY 2011 – REVISED SEPTEMBER 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
DESCRIPTION
TPS389wxyyyz
w is output configuration (see Table 1)
x is different delay from enable pin (see Table 1)
yyy is package designator
z is package quantity
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range (unless otherwise noted).
VALUE
MIN
MAX
UNIT
VCC
–0.3
7
V
CT
–0.3
VCC + 0.3
V
Voltage(2)
ENABLE, SENSE, SENSE_OUT (push-pull)
–0.3
7
V
SENSE_OUT (open-drain)
–0.3
20
V
Current
SENSE_OUT
±10
mA
Operating junction, TJ
–40
+125
°C
Temperature
Storage, Tstg
–65
+150
°C
Human body model (HBM)
2
kV
Electrostatic discharge rating(3)
Charge device model (CDM)
500
V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods my affect device reliability.
(2)
All voltages are with respect to network ground terminal.
(3)
ESD testing is performed according to the respective JESD22 JEDEC standard.
THERMAL INFORMATION
TPS389x
THERMAL METRIC(1)
DRY (
µSON)
UNITS
6 PINS
θJA
Junction-to-ambient thermal resistance
293.8
θJCtop
Junction-to-case (top) thermal resistance
165.1
θJB
Junction-to-board thermal resistance
160.8
°C/W
ψJT
Junction-to-top characterization parameter
27.3
ψJB
Junction-to-board characterization parameter
65.8
θJCbot
Junction-to-case (bottom) thermal resistance
65.8
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPS3895 TPS3896 TPS3897 TPS3898



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com