Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

445A35JMXXXXX Datasheet(PDF) 2 Page - CTS Corporation

Part # 445A35JMXXXXX
Description  Surface Mount Quartz Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

445A35JMXXXXX Datasheet(HTML) 2 Page - CTS Corporation

  445A35JMXXXXX Datasheet HTML 1Page - CTS Corporation 445A35JMXXXXX Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Document No. 008-0360-0
Page 2 - 2
Rev. B
Model 445
Quartz Crystal
ELECTRICAL CHARACTERISTICS
PARAMETER
Frequency Range
Operating Mode
Crystal Cut
Frequency Tolerance @ +25°C
Frequency Stability Tolerance
(Operating Temperature Range, Referenced to 25°C Reading)
0°C to +50°C
-10°C to +60°C
-20°C to +70°C
-40°C to +85°C
10 MHz - < 12 MHz
100 Ohms
12 MHz - < 16 MHz
50 Ohms
16 MHz - < 30 MHz
40 Ohms
30 MHz - < 50 MHz
30 Ohms
Load Capacitance or Resonance Mode
Shunt Capacitance (C0)
Drive Level
Aging @ +25°C
Storage Temperature Range
VALUE
Equivalent Series Resistance [Maximum]
See Ordering Information
5.0 pF Typical, 7.0 pF Maximum
Operating Temperature Ranges
10 MHz to 50 MHz
Fundamental
AT-Cut
±20 ppm, ±30 ppm
±10 ppm, ±15 ppm,
±20 ppm, ±30 ppm, ±50 ppm
-40°C to +85°C
10 µW Min., 100 µW Typ., 300 µW Max.
±3 ppm/yr Typical
MECHANICAL SPECIFICATIONS
PACKAGE DRAWING
M445
CDXXX
TABLE I – DATE CODE
2001
2005
2009
2013
2017
A
B
C
D
E
F
G
H
J
K
L
M
2002
2006
2010
2014
2018
N
P
Q
R
S
T
U
V
W
X
Y
Z
2003
2007
2011
2015
2019
a
b
c
d
e
f
g
h
j
k
l
m
2004
2008
2012
2016
2020
n
p
q
r
s
t
u
v
w
x
y
z
MONTH
JAN
FEB
MAR
DEC
YEAR
AUG
SEP
OCT
NOV
APR
MAY
JUN
JUL
NOTES
1. Complete CTS part number, frequency value,
date code and manufacturing site code
information must appear on reel and carton
labels.
2. Termination pads (e4); barrier plating is nickel
[Ni] with gold [Au] flash plate.
3. Reflow conditions per JEDEC J-STD-020; 260°C
maximum, 10 seconds.
MARKING INFORMATION
1. M445 - CTS Model Series.
2. C – CTS.
3. D – Date code. See Table I for codes.
4. XXX – Frequency code.
120 = 12.00 143 = 14.31818 200 = 20.00 245 = 24.5760 270 = 27.00
130 = 13.00 160 = 16.0000 240 = 24.00 250 = 25.0000 300 = 30.00
Frequency Code
SUGGESTED SOLDER PAD GEOMETRY



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com