Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMB-001LEVALZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # KMB-001LEVALZ
Description  High Performance Dual 14-Bit, 125MSPS ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

KMB-001LEVALZ Datasheet(HTML) 3 Page - Intersil Corporation

  KMB-001LEVALZ Datasheet HTML 1Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 2Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 3Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 4Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 5Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 6Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 7Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 8Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
ISLA224P12
3
FN7983.3
August 17, 2012
12, 13
VINAN, VINAP
Channel A Analog Input Negative, Positive
15
CLKDIV
Tri-Level Clock Divider Control
18
RESETN
Power On Reset (Active Low)
22, 23
CLKP, CLKN
Clock Input True, Complement
24, 25
CLKDIVRSTP, CLKDIVRSTN
Synchronous Clock Divider Reset True, Complement
28, 29
D13N, D13P
LVDS Bit 13 (MSB) Output Complement, True
30, 31
D12N, D12P
LVDS Bit 12 Output Complement, True
33, 34
D11N, D11P
LVDS Bit 11 Output Complement, True
35, 36
D10N, D10P
LVDS Bit 10 Output Complement, True
37, 38
D9N, D9P
LVDS Bit 9 Output Complement, True
39, 40
D8N, D8P
LVDS Bit 8 Output Complement, True
41, 42
D7N, D7P
LVDS Bit 7 Output Complement, True
43, 44
D6N, D6P
LVDS Bit 6 Output Complement, True
46
RLVDS
LVDS Bias Resistor (connect to OVSS with 1%10k
Ω)
47, 48
CLKOUTN, CLKOUTP
LVDS Clock Output Complement, True
49, 50
D5N, D5P
LVDS Bit 5 Output Complement, True
51, 52
D4N, D4P
LVDS Bit 4 Output Complement, True
53, 54
D3N, D3P
LVDS Bit 3 Output Complement, True
55, 56
D2N, D2P
LVDS Bit 2 Output Complement, True
57, 58
D1N, D1P
LVDS Bit 1 Output Complement, True
59, 60
D0N, D0P
LVDS Bit 0 (LSB) Output Complement, True
63, 64
ORN, ORP
LVDS Over Range Complement, True
66
SDO
SPI Serial Data Output
67
CSB
SPI Chip Select (active low)
68
SCLK
SPI Clock
69
SDIO
SPI Serial Data Input/Output
Exposed Paddle
AVSS
Analog Ground
Pin Descriptions - 72 Ld QFN, LVDS Mode (Continued)
PIN NUMBER
LVDS PIN NAME
LVDS PIN FUNCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com