Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54526PWPR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54526PWPR
Description  4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter with Eco-Mode?
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54526PWPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS54526PWPR Datasheet HTML 17Page - Texas Instruments TPS54526PWPR Datasheet HTML 18Page - Texas Instruments TPS54526PWPR Datasheet HTML 19Page - Texas Instruments TPS54526PWPR Datasheet HTML 20Page - Texas Instruments TPS54526PWPR Datasheet HTML 21Page - Texas Instruments TPS54526PWPR Datasheet HTML 22Page - Texas Instruments TPS54526PWPR Datasheet HTML 23Page - Texas Instruments TPS54526PWPR Datasheet HTML 24Page - Texas Instruments TPS54526PWPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
TPS54526PWPR
HTSSOP
PWP
14
2000
367.0
367.0
35.0
TPS54526RSAR
QFN
RSA
16
3000
367.0
367.0
35.0
TPS54526RSAT
QFN
RSA
16
250
210.0
185.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
14-Jul-2012
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com