Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST48CF048 Datasheet(PDF) 37 Page - Silicon Storage Technology, Inc

Part # SST48CF048
Description  CompactFlash Card
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST48CF048 Datasheet(HTML) 37 Page - Silicon Storage Technology, Inc

Back Button SST48CF048 Datasheet HTML 33Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 34Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 35Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 36Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 37Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 38Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 39Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 40Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 41Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 60 page
background image
Data Sheet
CompactFlash Card
SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256
37
©2001 Silicon Storage Technology, Inc.
S71125-03-000
9/01
375
3.1.5.11 Card (Drive) Address Register (Address3F7H[377H]; Offset F)
This register is provided for compatibility with the AT disk drive interface. It is recommended that this register not be
mapped into the host’s I/O space because of potential conflicts on Bit 7. The bits are defined as follows:
Bit 7
This bit is don’t care.
Implementation Note:
Conflicts may occur on the host data bus when this bit is provided by a Floppy Disk
Controller operating at the same addresses as the CompactFlash card. Following are
some possible solutions to this problem for the PCMCIA implementation:
1. Locate the CompactFlash card at a non-conflicting address, i.e. Secondary address
(377) or in an independently decoded Address Space when a Floppy Disk Controller is
located at the Primary addresses.
2. Do not install a Floppy and a CompactFlash card in the system at the same time.
3. Implement a socket adapter which can be programmed to (conditionally) tri-state D7
of I/0 address 3F7H/377H when a CompactFlash card is installed and conversely to tri-
state D6- D0 of I/O address 3F7H/377H when a floppy controller is installed.
4. Do not use the CompactFlash Card’s Drive Address register. This may be accom-
plished by either a) If possible, program the host adapter to enable only I/O addresses
1F0H-1F7H, 3F6H (or 170H-177H, 176H) to the CompactFlash card or b) if provided use
an additional Primary/Secondary configuration in the CompactFlash card which does not
respond to accesses to I/O locations 3F7H and 377H. With either of these implementa-
tions, the host software must not attempt to use information in the Drive Address Register.
Bit 6 (-WTG) This bit is 0 when a write operation is in progress, otherwise, it is 1.
Bit 5 (-HS3)
This bit is the negation of bit 3 in the Drive/Head register.
Bit 4 (-HS2)
This bit is the negation of bit 2 in the Drive/Head register.
Bit 3 (-HS1)
This bit is the negation of bit 1 in the Drive/Head register.
Bit 2 (-HS0)
This bit is the negation of bit 0 in the Drive/Head register.
Bit 1 (-nDS1) This bit is 0 when drive 1 is active and selected.
Bit 0 (-nDS0) This bit is 0 when the drive 0 is active and selected.
3.2 CF-ATA Command Description
This section defines the software requirements and the format of the commands the host sends to the Compact-
Flash cards. Commands are issued to the CompactFlash card by loading the required registers in the command
block with the supplied parameters, and then writing the command code to the Command Register. The manner in
which a command is accepted varies. There are three classes (see Table 3-6) of command acceptance, all depen-
dent on the host not issuing commands unless the CompactFlash card is not busy (BSY=0).
3.2.1 CF-ATA Command Set
Table 3-6 summarizes the CF-ATA command set with the paragraphs that follow describing the individual com-
mands and the task file for each.
D7
D6
D5
D4
D3
D2
D1
D0
X
-WTG
-HS3
-HS2
-HS1
-HS0
-nDS1
-nDS0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com