Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST58LM008 Datasheet(PDF) 18 Page - Silicon Storage Technology, Inc

Part # SST58LM008
Description  ATA-Disk Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST58LM008 Datasheet(HTML) 18 Page - Silicon Storage Technology, Inc

Back Button SST58LM008 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST58LM008 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST58LM008 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST58LM008 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST58LM008 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST58LM008 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST58LM008 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST58LM008 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST58LM008 Datasheet HTML 22Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
18
Advance Information
ATA-Disk Module
SST58SM008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
SST58LM008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
©2001 Silicon Storage Technology, Inc.
S71193-01-000
9/01
519
3.1.2.11 Drive Address Register (Read Only)
This register contains the inverted drive select and head select addresses of the currently selected drive. The bits
in this register are as follows:
Bit 7
This bit is HiZ.
Bit 6 (-WTG) This bit is 0 when a Write operation is in progress, otherwise, it is 1.
Bit 5 (-HS3)
This bit is the negation of bit 3 in the Drive/Head register.
Bit 4 (-HS2)
This bit is the negation of bit 2 in the Drive/Head register.
Bit 3 (-HS1)
This bit is the negation of bit 1 in the Drive/Head register.
Bit 2 (-HS0
This bit is the negation of bit 0 in the Drive/Head register.
Bit 1 (-DS1)
This bit is 0 when drive 1 is active and selected.
Bit 0 (-DS0)
This bit is 0 when drive 0 is active and selected.
3.1.2.12 Command Register (Write Only)
This register contains the command code being sent to the drive. Command execution begins immediately after
this register is written. The executable commands, the command codes, and the necessary parameters for each
command are listed in Table 3-2.
D7
D6
D5
D4
D3
D2
D1
D0
HiZ
-WTG
-HS3
-HS2
-HS1
-HS0
-DS1
-DS0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com