Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST48CF256 Datasheet(PDF) 46 Page - Silicon Storage Technology, Inc

Part # SST48CF256
Description  CompactFlash Card
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST48CF256 Datasheet(HTML) 46 Page - Silicon Storage Technology, Inc

Back Button SST48CF256 Datasheet HTML 42Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 43Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 44Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 45Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 46Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 47Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 48Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 49Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 50Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
46
Data Sheet
CompactFlash Card
SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256
©2001 Silicon Storage Technology, Inc.
S71125-03-000
9/01
375
At command completion, the Command Block Registers contain the cylinder, head and sector number
of the last sector read.
If an error occurs, the read terminates at the sector where the error occurred. The Command Block
Registers contain the cylinder, head and sector number of the sector where the error occurred. The
flawed data is pending in the sector buffer.
Subsequent blocks or partial blocks are transferred only if the error was a correctable data error. All
other errors cause the command to stop after transfer of the block which contained the error.
3.2.1.11 Read Long Sector - 22H or 23H
The Read Long command performs similarly to the Read Sector(s) command except that it returns 516
Bytes of data instead of 512 Bytes. During a Read Long command, the CompactFlash card does not
check the ECC bytes to determine if there has been a data error. Only single sector read long
operations are supported. The transfer consists of 512 Bytes of data transferred in Word-Mode followed
by 4 Bytes of ECC data transferred in Byte-Mode. This command has the same protocol as the Read
Sector(s) command. Use of this command is not recommended.
3.2.1.12 Read Sector(s) - 20H or 21H
This command reads from 1 to 256 sectors as specified in the Sector Count register. A sector count of
0 requests 256 sectors. The transfer begins at the sector specified in the Sector Number Register.
When this command is issued and after each sector of data (except the last one) has been read by the
host, the CompactFlash card sets BSY, puts the sector of data in the buffer, sets DRQ, clears BSY, and
generates an interrupt. The host then reads the 512 Bytes of data from the buffer.
At command completion, the Command Block Registers contain the cylinder, head and sector number
of the last sector read. If an error occurs, the read terminates at the sector where the error occurred.
The Command Block Registers contain the cylinder, head, and sector number of the sector where the
error occurred. The flawed data is pending in the sector buffer.
Bit ->
76
54
32
10
Command (7)
22H or 23H
C/D/H (6)
1
LBA
1
Drive
Head (LBA 27-24
Cyl High (5)
Cylinder High (LBA 23-16)
Cyl Low (4)
Cylinder Low (LBA 15-8)
Sec Num (3)
Sector Number (LBA 7-0)
Sec Cnt (2)
X
Feature (1)
X
Bit ->
76
54
32
10
Command (7)
20H or 21H
C/D/H (6)
1
LBA
1
Drive
Head (LBA 27-24)
Cyl High (5)
Cylinder High (LBA 23-16)
Cyl Low (4)
Cylinder Low (LBA 15-8)
Sec Num (3)
Sector Number (LBA 7-0)
Sec Cnt (2)
X
Feature (1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com