Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65252 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65252
Description  4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK SWITCHER WITH INTEGRATED FET AND ONE USB SWITCH AND SVS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65252 Datasheet(HTML) 2 Page - Texas Instruments

  TPS65252 Datasheet HTML 1Page - Texas Instruments TPS65252 Datasheet HTML 2Page - Texas Instruments TPS65252 Datasheet HTML 3Page - Texas Instruments TPS65252 Datasheet HTML 4Page - Texas Instruments TPS65252 Datasheet HTML 5Page - Texas Instruments TPS65252 Datasheet HTML 6Page - Texas Instruments TPS65252 Datasheet HTML 7Page - Texas Instruments TPS65252 Datasheet HTML 8Page - Texas Instruments TPS65252 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
TPS65252
USB _ Vo
USB _EN
USB _ nILIM
LX 2
BST 2
LX 1
VIN 2
LX 2
VIN 1
LX 1
V 3 V
V 1
VIN 1
USB _ VIN
VIN 2
V 2
USB _O
VPULL
Host
USB _I
VPULL
PGOOD
rUSB
FB 1
FB 2
Host
Host
TPS65252
SLVSAM1B
– DECEMBER 2010 – REVISED FEBRUARY 2011
www.ti.com
The USB switch provides up to 1-A of current as required by downstream USB devices. When the output load
exceeds the current-limit threshold selected with an external resistor or a short is present, the PMU limits the
output current to a safe level by switching into a constant-current mode and pulling the over current logic output
low. When continuous heavy overloads and short-circuits increase the power dissipation in the switch, causing
the junction temperature to rise, a thermal protection circuit shuts off the switch to allow continuous
non-interrupted operation the buck converters.
The TPS65252 features a supervisor circuit that monitors both converters and provides a PGOOD signal (End of
Reset) with a 256-ms timer.
TPS65252 is packaged in a small, thermally efficient 28-pin QFN package.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
TYPICAL APPLICATION
2
Submit Documentation Feedback
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): TPS65252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com