Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFRMT101-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CFRMT101-HF
Description  Low Profile SMD Fast Recovery Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CFRMT101-HF Datasheet(HTML) 1 Page - Comchip Technology

  CFRMT101-HF Datasheet HTML 1Page - Comchip Technology CFRMT101-HF Datasheet HTML 2Page - Comchip Technology CFRMT101-HF Datasheet HTML 3Page - Comchip Technology CFRMT101-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Maximum Ratings (at TA=25°C unless otherwise noted)
Parameter
Symbol
Unit
Max. Repetitive peak reverse voltage
Max. Continuous reverse voltage
Max. RMS voltage
Max. Forward voltage
@ IF=1.0A
Max. Forward surge current
8.3ms singe half sine-wave superimposed
on rated load (JEDEC method)
Max. Reverse current
VR=VRRM TJ=25°C
Typ. Thermal resistance
Junction to ambient air
Operating junction temperature
Storage temperature range
Dimensions in inches and (millimeter)
CFRMT101-HF Thru. CFRMT107-HF
Page 1
QW-JF002
REV: A
Comchip Technology CO., LTD.
VRRM
VR
VRMS
IO
VF
IFSM
IR
RθJA
TJ
TSTG
CFRMT
102-HF
CFRMT
103-HF
CFRMT
104-HF
CFRMT
105-HF
CFRMT
106-F
CFRMT
107-HF
50
50
35
100
100
70
200
200
140
400
400
280
1.0
1.3
25
5.0
100
600
600
420
800
800
560
1000
1000
700
V
V
V
A
V
A
μA
°C/W
°C
°C
SMD Diodes Specialist
0.146(3.7)
0.130(3.3)
0.012(0.3) Typ.
0.071(1.8)
0.055(1.4)
0.040(1.0)
0.024(0.6)
0.031(0.8) Typ.
0.031(0.8) Typ.
SOD-123H
42
-55 to +150
-65 to +175
CJ
pF
15
Typ. Diode Junction capacitance
f=1MHz and applied 4V DC reverse voltage
101-HF
CFRMT
Features
-Tiny plastic SMD package.
-High current capability.
-High surge current capability.
-Glass passivated chip junction.
-Excellent power dissipation offers better reverse
leakage current and thermal resistance.
-Lead-free parts meet RoHS requirments.
VR=VRRM TJ=100°C
Max. Reverse recovery time (note 1)
TRR
150
ns
500
-Fast switching for high efficiency.
Note 1. Reverse recovery time test condition,IF=0.5A,IR=1.0A,IRR=0.25A
Max. Forward rectified current
Ambient temperature=55°C
250
Low Profile
SMD Fast Recovery Rectifiers
Reverse Voltage: 50 to 1000 Volts
Forward Current: 1.0 Amp
RoHS Device
Halogen Free
-Low profile package is 40% thinner than standards
SOD-123.
Mechanical data
-Case: Molded plastic, SOD-123H/MINI SMA
-Terminals: Solderable per MIL-STD-750, Method 2026.
-Polarity: Indicated by cathode band.
-Weight: 0.011 grams approx.
-Mounting Position: any
-Epoxy: UL94-V0 rated flame retardant.


Similar Part No. - CFRMT101-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CFRMT101-HF COMCHIP-CFRMT101-HF Datasheet
167Kb / 4P
Low Profile SMD Fast Recovery Rectifiers
More results

Similar Description - CFRMT101-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CFRC301-G COMCHIP-CFRC301-G Datasheet
49Kb / 2P
SMD Fast Recovery Rectifiers
CFRM101-G COMCHIP-CFRM101-G Datasheet
49Kb / 2P
SMD Fast Recovery Rectifiers
CFRMT101-HF COMCHIP-CFRMT101-HF Datasheet
167Kb / 4P
Low Profile SMD Fast Recovery Rectifiers
CSFMT101-HF COMCHIP-CSFMT101-HF Datasheet
167Kb / 4P
Low Profile SMD Super Fast Recovery Rectifiers
CURMT101-HF COMCHIP-CURMT101-HF Datasheet
168Kb / 4P
Low Profile SMD Ultra Fast Recovery Rectifiers
CFRA101-G COMCHIP-CFRA101-G_12 Datasheet
63Kb / 2P
SMD Fast Recovery Rectifiers
CFRB201-G COMCHIP-CFRB201-G_12 Datasheet
63Kb / 2P
SMD Fast Recovery Rectifiers
CFRM101-HF COMCHIP-CFRM101-HF Datasheet
96Kb / 4P
SMD Fast Recovery Rectifiers
CSFMT101-HF COMCHIP-CSFMT101-HF_12 Datasheet
167Kb / 4P
Low Profile SMD Super Fast Recovery Rectifiers
CFRA201-G COMCHIP-CFRA201-G Datasheet
94Kb / 4P
SMD Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com