Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST58LD048 Datasheet(PDF) 35 Page - Silicon Storage Technology, Inc

Part # SST58LD048
Description  ATA-Disk Chip
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST58LD048 Datasheet(HTML) 35 Page - Silicon Storage Technology, Inc

Back Button SST58LD048 Datasheet HTML 31Page - Silicon Storage Technology, Inc SST58LD048 Datasheet HTML 32Page - Silicon Storage Technology, Inc SST58LD048 Datasheet HTML 33Page - Silicon Storage Technology, Inc SST58LD048 Datasheet HTML 34Page - Silicon Storage Technology, Inc SST58LD048 Datasheet HTML 35Page - Silicon Storage Technology, Inc SST58LD048 Datasheet HTML 36Page - Silicon Storage Technology, Inc SST58LD048 Datasheet HTML 37Page - Silicon Storage Technology, Inc SST58LD048 Datasheet HTML 38Page - Silicon Storage Technology, Inc SST58LD048 Datasheet HTML 39Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
Data Sheet
ATA-Disk Chip
SST58SD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
SST58LD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
35
©2001 Silicon Storage Technology, Inc.
S71167-05-000
9/01
391
4.0 APPENDIX
4.1 Differences between ATA-Disk Chip and ATA/ATAPI-5 Specifications
This section details differences between ADC vs. ATA.
4.1.1 Electrical Differences
4.1.1.1 TTL Compatibility
ADC is not TTL compatible, it is a purely CMOS interface. Refer to section 2.3.2 of this specification.
4.1.1.2 Pull Up Resistor Input Leakage Current
The minimum pull up resistor input leakage current is 50K ohms rather than the 10K ohms stated in the
ATA specification.
4.1.2 Functional Differences
4.1.2.1 Idle Timer
The Idle timer uses an incremental value of 5 ms, rather than the 5 sec minimum increment value specified in ATA
specifications.
4.1.2.2 Recovery from Sleep Mode
For ADC devices, recovery from sleep mode is accomplished by simply issuing another command to the device.
A hardware or software reset is not required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com