| Electronic Components Datasheet Search |
|
SST58LM032 Datasheet(PDF) 24 Page - Silicon Storage Technology, Inc |
|
|
|||||||||||||||||||||||||||||
SST58LM032 Datasheet(HTML) 24 Page - Silicon Storage Technology, Inc |
|
24 / 40 page ![]() 24 Advance Information ATA-Disk Module SST58SM008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 SST58LM008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 ©2001 Silicon Storage Technology, Inc. S71193-01-000 9/01 519 3.2.1.4.15 Translation Parameters Valid If bit 0 is 1, it indicates that words 54 to 58 are valid and reflect the current number of cylinders, heads and sectors. If bit 1 is 1, it indicates that words 64 to 70 are valid to support PIO Mode-3 and 4. 3.2.1.4.16 Current Number of Cylinders, Heads, Sectors/Track These fields contains the current number of user addressable Cylinders, Heads, and Sectors/Track in the current translation mode. 3.2.1.4.17 Current Capacity This field contains the product of the current cylinders times heads times sectors. 3.2.1.4.18 Multiple Sector Setting This field contains a validity flag in the Odd Byte and the current number of sectors that can be transferred per interrupt for R/W Multiple in the Even Byte. The Odd Byte is always 01H which indicates that the Even Byte is always valid. The Even Byte value depends on the value set by the Set Multiple command. The Even Byte of this word by default contains a 00H which indicates that R/W Multiple commands are not valid. 3.2.1.4.19 Total Sectors Addressable in LBA Mode This field contains the number of sectors addressable for the ADM in LBA mode only. 3.2.1.4.20 Advanced PIO Data Transfer Mode ADM supports up to PIO Mode-4. 3.2.1.4.21 Minimum PIO Transfer Cycle Time Without Flow Control The ADM’s minimum cycle time is 120 ns. 3.2.1.4.22 Minimum PIO Transfer Cycle Time with IORDY The ADM’s minimum cycle time is 120 ns, e.g., PIO Mode-4. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |