| Electronic Components Datasheet Search |
|
SST58LM048 Datasheet(PDF) 6 Page - Silicon Storage Technology, Inc |
|
|
|||||||||||||||||||||||||||||
SST58LM048 Datasheet(HTML) 6 Page - Silicon Storage Technology, Inc |
|
6 / 40 page ![]() 6 Advance Information ATA-Disk Module SST58SM008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 SST58LM008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 ©2001 Silicon Storage Technology, Inc. S71193-01-000 9/01 519 1.2 SST’s ATA-Disk Module Product Offering The SST58SM/LMxxx ATA-Disk Module product family is available in 8 to 192 MByte densities. The following table shows the specific capacity, default number of cylinder heads, sectors and cylinders for each product line. 2.0 ELECTRICAL INTERFACE 2.0.1 Pin Assignment and Pin Type The signal/pin assignments are listed in Tables 2-1 and 2-2. Low active signals have a “#” suffix. Pin types are Input, Output or Input/Output. Section 2.3 defines the DC characteristics for all input and output type structures. 2.1 Electrical Description The ADM functions in ATA Mode, which is compatible with IDE hard disk drives. Table 2-3 describes the I/O signals. Signals whose source is the host are designated as inputs while signals that the ADM sources are outputs. All outputs from the ADM are totem pole except the data bus signals which are in the bi-directional tri-state. Refer to Section 2.3.2 for definitions of Input and Output types. Model Number Density Total Bytes Cylinders Heads Sectors SST58SM/LM008 8 MB 8,028,160 245 2 32 SST58SM/LM016 16 MB 16,023,552 489 2 32 SST58SM/LM024 24 MB 24,051,712 367 4 32 SST58SM/LM032 32 MB 32,047,104 489 4 32 SST58SM/LM048 48 MB 48,037,888 733 4 32 SST58SM/LM064 64 MB 64,028,672 977 4 32 SST58SM/LM096 96 MB 96,075,776 733 8 32 SST58SM/LM128 128 MB 128,057,344 977 8 32 SST58SM/LM192 192 MB 192,151,552 733 16 32 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |