| Electronic Components Datasheet Search |
|
SST58LD096 Datasheet(PDF) 21 Page - Silicon Storage Technology, Inc |
|
|
|||||||||||||||||||||||||||||
SST58LD096 Datasheet(HTML) 21 Page - Silicon Storage Technology, Inc |
|
21 / 40 page ![]() Data Sheet ATA-Disk Chip SST58SD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 SST58LD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 21 ©2001 Silicon Storage Technology, Inc. S71167-05-000 9/01 391 3.2.1.3 Format Track - 50H This command writes the desired head and cylinder of the selected drive with a vendor unique data pattern (typically FFH or 00H). To remain host backward compatible, the ADC expects a sector buffer of data from the host to follow the command with the same protocol as the Write Sector(s) command although the information in the buffer is not used by the ADC. If LBA=1 then the number of sectors to format is taken from the Sec Cnt register (0=256). The use of this command is not recommended. 3.2.1.4 Identify Drive - ECH The Identify Drive command enables the host to receive parameter information from the ADC. This command has the same protocol as the Read Sector(s) command. The parameter words in the buffer have the arrangement and meanings defined in Table 3-4. All reserved bits or words are zero. Table 3-4 gives the definition for each field in the Identify Drive Information. Bit -> 76 54 32 10 Command (7) 50H C/D/H (6) 1 LBA 1 Drive Head (LBA 27-24) Cyl High (5) Cylinder High (LBA 23-16) Cyl Low (4) Cylinder Low (LBA 15-8) Sec Num (3) X (LBA 7-0) Sec Cnt (2) Count (LBA mode only) Feature (1) X Bit -> 76 54 32 10 Command (7) ECH C/D/H (6) XX X Drive X Cyl High (5) X Cyl Low (4) X Sec Num (3) X Sec Cnt (2) X Feature (1) X |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |