Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCLVC1103 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVC1103
Description  3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVC1103 Datasheet(HTML) 5 Page - Texas Instruments

  CDCLVC1103 Datasheet HTML 1Page - Texas Instruments CDCLVC1103 Datasheet HTML 2Page - Texas Instruments CDCLVC1103 Datasheet HTML 3Page - Texas Instruments CDCLVC1103 Datasheet HTML 4Page - Texas Instruments CDCLVC1103 Datasheet HTML 5Page - Texas Instruments CDCLVC1103 Datasheet HTML 6Page - Texas Instruments CDCLVC1103 Datasheet HTML 7Page - Texas Instruments CDCLVC1103 Datasheet HTML 8Page - Texas Instruments CDCLVC1103 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
CDCLVC11xx
www.ti.com
SCAS895 – MAY 2010
DEVICE CHARACTERISTICS (continued)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
CONDITION
MIN TYP(1)
MAX
UNIT
OUTPUT PARAMETERS FOR VDD = 2.5 V ± 0.2 V
VDD = 2.3 V, IOH = –0.1 mA
2.2
VOH
High-level output voltage
V
VDD = 2.3 V, IOH = –8 mA
1.7
VDD = 2.3 V, IOL = 0.1 mA
0.1
VOL
Low-level output voltage
V
VDD = 2.3 V, IOL = 8 mA
0.5
tPLH,
Propagation delay
CLKIN to Yn
1.0
2.6
ns
tPHL
tsk(o)
Output skew
Equal load of each output
50
ps
tr/tf
Rise and fall time
20%–80% reference point
0.3
1.2
ns
tDIS
Output disable time
1G to Yn
10
ns
tEN
Output enable time
1G to Yn
10
ns
Pulse skew ;
tsk(p)
To be measured with input duty cycle of 50%
220
ps
tPLH(Yn) – tPHL(Yn)
(5)
tsk(pp) Part-to-part skew
Under equal operating conditions for two parts
1.2
ns
tjitter
Additive jitter rms
12kHz…20 MHz, fOUT = 180 MHz
350
fs
(5)
tsk(p) depends on output rise- and fall-time (tr/tf). The output duty-cycle can be calculated: odc = (tw(OUT) ± tsk(p))/tperiod; tw(OUT) is
pulse-width of output waveform and tperiod is 1/fOUT.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): CDCLVC11xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com