Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCLVC1110 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVC1110
Description  3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVC1110 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDCLVC1110 Datasheet HTML 4Page - Texas Instruments CDCLVC1110 Datasheet HTML 5Page - Texas Instruments CDCLVC1110 Datasheet HTML 6Page - Texas Instruments CDCLVC1110 Datasheet HTML 7Page - Texas Instruments CDCLVC1110 Datasheet HTML 8Page - Texas Instruments CDCLVC1110 Datasheet HTML 9Page - Texas Instruments CDCLVC1110 Datasheet HTML 10Page - Texas Instruments CDCLVC1110 Datasheet HTML 11Page - Texas Instruments CDCLVC1110 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
0
5
10
15
0
20
40
60
80
100
120
140
160
180
V
= 2.5 V
DD
P
+ P
dyn
Cload8pF
P
+ P
dyn
Cload50/2
P
+ P
dyn
Cload2pF
f - Clock Frequency - MHz
0
10
20
30
40
0
20 40 60 80 100 120 140 160 180 200 220 240
f - Clock Frequency - MHz
V
= 3.3 V
DD
P
+ P
dyn
Cload8pF
P
+ P
dyn
Cload50/2
P
+ P
dyn
Cload2pF
0
1
2
3
0
20
40
60
80
100
120
140
160
180
I
= C
* V
* f
dyn
PD
DD
V
= 2.5 V
DD
f - Clock Frequency - MHz
0
1
2
3
4
5
0
20 40 60 80 100 120 140 160 180 200 220 240
f - Clock Frequency - MHz
I
= C
* V
* f
dyn
PD
DD
V
= 3.3 V
DD
CDCLVC11xx
SCAS895 – MAY 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 8. Device Power Consumption vs Clock Frequency
Figure 9. Device Power Consumption vs Clock Frequency
(Load 50
Ω into VDD/2. 2pF, 8pF; Per Output)
(Load 50
Ω into VDD/2. 2pF, 8pF; Per Output)
Figure 10. Dynamic Supply Current vs Clock Frequency
Figure 11. Dynamic Supply Current vs Clock Frequency
(CPD = 6pF, No Load; Per Output)
(CPD = 4.5pF, No Load; Per Output)
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): CDCLVC11xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com