Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALS235N Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74ALS235N
Description  64 X 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS235N Datasheet(HTML) 2 Page - Texas Instruments

  SN74ALS235N Datasheet HTML 1Page - Texas Instruments SN74ALS235N Datasheet HTML 2Page - Texas Instruments SN74ALS235N Datasheet HTML 3Page - Texas Instruments SN74ALS235N Datasheet HTML 4Page - Texas Instruments SN74ALS235N Datasheet HTML 5Page - Texas Instruments SN74ALS235N Datasheet HTML 6Page - Texas Instruments SN74ALS235N Datasheet HTML 7Page - Texas Instruments SN74ALS235N Datasheet HTML 8Page - Texas Instruments SN74ALS235N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SN74ALS235
64 × 5 ASYNCHRONOUS FIRST IN, FIRST OUT MEMORY
SDAS108A − OCTOBER 1986 − REVISED SEPTEMBER 1993
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
description (continued)
The FIFO must be reset after power up with a low-level pulse on the master reset (RST) input. This sets IR high
and OR low signifying that the FIFO is empty. Resetting the FIFO sets the outputs to a low logic level (see
Figure 1). If SI is high when RST goes high, the input data is shifted in and IR goes low and remains low until
SI goes low. If SI goes low before RST goes high, the input data will not be shifted in and IR goes high. Data
outputs are noninverting with respect to the data inputs and are at high impedance when the output-enable (OE)
input is high. OE does not affect the status-flag outputs (see Figure 2).
The SN74ALS235 is characterized for operation from 0
°C to 70°C.
logic symbol†
1D
5
D0
Q0
16
6
D1
Q1
15
7
D2
Q2
14
8
D3
Q3
13
9
D4
Q4
12
FIFO 64
× 5
CTR
RST
6
4
SI
G2
R
11
OR
17
5 + /C1
18
SO
G3
4 −
EN 6
1
AF/AE
19
HF
2
IR
3
OE
CT = 0
3CT > 0
(CT > 0) G4
CT
≤ 8/CT ≥ 56
CT
≥ 32
2CT < 64
(CT < 64) G5
† This symbol is in accordance with ANSI/IEEE Standard 91-1984 and IEC Publication 617-12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com