Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLVC1G126IDCKREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CLVC1G126IDCKREP
Description  SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLVC1G126IDCKREP Datasheet(HTML) 1 Page - Texas Instruments

  CLVC1G126IDCKREP Datasheet HTML 1Page - Texas Instruments CLVC1G126IDCKREP Datasheet HTML 2Page - Texas Instruments CLVC1G126IDCKREP Datasheet HTML 3Page - Texas Instruments CLVC1G126IDCKREP Datasheet HTML 4Page - Texas Instruments CLVC1G126IDCKREP Datasheet HTML 5Page - Texas Instruments CLVC1G126IDCKREP Datasheet HTML 6Page - Texas Instruments CLVC1G126IDCKREP Datasheet HTML 7Page - Texas Instruments CLVC1G126IDCKREP Datasheet HTML 8Page - Texas Instruments CLVC1G126IDCKREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SN74LVC1G126EP
SINGLE BUS BUFFER GATE
WITH 3STATE OUTPUT
SCES527A − DECEMBER 2003 − REVISED MAY 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Controlled Baseline
− One Assembly/Test Site, One Fabrication
Site
D Enhanced Diminishing Manufacturing
Sources (DMS) Support
D Enhanced Product-Change Notification
D Qualification Pedigree†
D Supports 5-V VCC Operation
D Inputs Accept Voltages to 5.5 V
D Max tpd of 3.7 ns at 3.3 V
† Component qualification in accordance with JEDEC and industry
standards to ensure reliable operation over an extended
temperature range. This includes, but is not limited to, Highly
Accelerated Stress Test (HAST) or biased 85/85, temperature
cycle, autoclave or unbiased HAST, electromigration, bond
intermetallic life, and mold compound life. Such qualification
testing should not be viewed as justifying use of this component
beyond specified performance and environmental limits.
D Low Power Consumption, 10-µA Max ICC
D ±24-mA Output Drive at 3.3 V
D Ioff Supports Partial-Power-Down Mode
Operation
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
description/ordering information
This single bus buffer gate is designed for 1.65-V to 5.5-V VCC operation.
The SN74LVC1G126 is a single line driver with a 3-state output. The output is disabled when the output-enable
(OE) input is low.
To ensure the high-impedance state during power up or power down, OE should be tied to GND through a
pulldown resistor; the minimum value of the resistor is determined by the current-sourcing capability of the
driver.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION
TA
PACKAGE‡
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING§
−40
°C to 85°C
SOT (SC-70) − DCK
Reel of 3000
CLVC1G126IDCKREP
CN_
‡ Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
§ DCK: The actual top-side marking has one additional character that designates the assembly/test site.
FUNCTION TABLE
INPUTS
OUTPUT
OE
A
OUTPUT
Y
H
H
H
H
LL
L
X
Z
Copyright
 2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DCK PACKAGE
(TOP VIEW)
1
2
3
5
4
OE
A
GND
VCC
Y
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - CLVC1G126IDCKREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CLVC1G126BDCKRQ1 TI2-CLVC1G126BDCKRQ1 Datasheet
782Kb / 18P
SN74LVC1G126B-Q1 Automotive Single Buffer With 3-State Output
MARCH 2026
CLVC1G126BDCKRQ1 TI2-CLVC1G126BDCKRQ1 Datasheet
1Mb / 26P
SN74LVC1G126B-Q1 Automotive Single Buffer With 3-State Output
MARCH 2026
CLVC1G126BDTXRQ1 TI2-CLVC1G126BDTXRQ1 Datasheet
1Mb / 26P
SN74LVC1G126B-Q1 Automotive Single Buffer With 3-State Output
MARCH 2026
More results

Similar Description - CLVC1G126IDCKREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUC1G125 TI-SN74AUC1G125 Datasheet
318Kb / 13P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
158Kb / 1P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125 TI-SN74LVC1G125_10 Datasheet
738Kb / 19P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125_101 TI-SN74LVC1G125_101 Datasheet
738Kb / 19P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Unisonic Technologies
U74AHC1G125 UTC-U74AHC1G125 Datasheet
217Kb / 6P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Texas Instruments
SN74AUC1G126 TI1-SN74AUC1G126_07 Datasheet
559Kb / 14P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G126-Q1 TI-SN74LVC1G126-Q1_08 Datasheet
762Kb / 12P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
1P1G126QDBVRQ1 TI1-1P1G126QDBVRQ1 Datasheet
718Kb / 12P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G126 TI1-SN74LVC1G126_16 Datasheet
1Mb / 30P
Single Bus Buffer Gate With 3-State Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com