Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD87350Q5D Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # CSD87350Q5D
Description  Using the PWR091EVM Dual-Output DC/DC Analog With PMBus Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD87350Q5D Datasheet(HTML) 24 Page - Texas Instruments

Back Button CSD87350Q5D Datasheet HTML 20Page - Texas Instruments CSD87350Q5D Datasheet HTML 21Page - Texas Instruments CSD87350Q5D Datasheet HTML 22Page - Texas Instruments CSD87350Q5D Datasheet HTML 23Page - Texas Instruments CSD87350Q5D Datasheet HTML 24Page - Texas Instruments CSD87350Q5D Datasheet HTML 25Page - Texas Instruments CSD87350Q5D Datasheet HTML 26Page - Texas Instruments CSD87350Q5D Datasheet HTML 27Page - Texas Instruments CSD87350Q5D Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
www.ti.com
Performance Data and Typical Characteristic Curves
Ch1 = SW Node at 5 V/division, Ch2 = HDRV at 10 V/division
Figure 22. HDRV and SW Node of 3.3-V Output at 12 Vin, 15-A Output
7.7
Turnon Waveform
Ch1 = Vout1 at 200 mV/division, Ch2 = Iout1 at 5 A/division, Ch3 = Vin at 5 V/division Ch2 (Iout) Inverted to better
display V and I.
Figure 23. Turnon Waveform of 1.2-V Output at 8-V, 12-V and 14-V Input, 20-A Output
Ch1 = Vout1 at 200 mV/division, Ch3 = Vin at 5 V/division
Figure 24. Turnon Waveform of 1.2-V Output With 0.5-V Prebias, at 8-V, 12-V and 14-V Input, 0-A Output
25
SLVU638
– January 2012
Using the PWR091EVM Dual-Output DC/DC Analog With PMBus Interface
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com