Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1T45DBVR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1T45DBVR
Description  SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1T45DBVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN74LVC1T45DBVR Datasheet HTML 9Page - Texas Instruments SN74LVC1T45DBVR Datasheet HTML 10Page - Texas Instruments SN74LVC1T45DBVR Datasheet HTML 11Page - Texas Instruments SN74LVC1T45DBVR Datasheet HTML 12Page - Texas Instruments SN74LVC1T45DBVR Datasheet HTML 13Page - Texas Instruments SN74LVC1T45DBVR Datasheet HTML 14Page - Texas Instruments SN74LVC1T45DBVR Datasheet HTML 15Page - Texas Instruments SN74LVC1T45DBVR Datasheet HTML 16Page - Texas Instruments SN74LVC1T45DBVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
APPLICATION INFORMATION
1
2
3
6
5
4
VCC1
VCC1
VCC2
VCC2
SYSTEM-1
SYSTEM-2
1
2
3
6
5
4
VCC1
VCC1
VCC2
SYSTEM-1
SYSTEM-2
DIR CTRL
I/O-1
VCC2
I/O-2
Pullup/Down
or Bus Hold(1)
Pullup/Down
or Bus Hold(1)
SN74LVC1T45
www.ti.com ..................................................................................................................................................... SCES515I – DECEMBER 2003 – REVISED MAY 2009
Figure 2 shows an example of the SN74LVC1T45 being used in a unidirectional logic level-shifting application.
PIN
NAME
FUNCTION
DESCRIPTION
1
VCCA
VCC1
SYSTEM-1 supply voltage (1.65 V to 5.5 V)
2
GND
GND
Device GND
3
A
OUT
Output level depends on VCC1 voltage.
4
B
IN
Input threshold value depends on VCC2 voltage.
5
DIR
DIR
GND (low level) determines B-port to A-port direction.
6
VCCB
VCC2
SYSTEM-2 supply voltage (1.65 V to 5.5 V)
Figure 2. Unidirectional Logic Level-Shifting Application
Figure 3 shows the SN74LVC1T45 being used in a bidirectional logic level-shifting application. Since the
SN74LVC1T45 does not have an output-enable (OE) pin, the system designer should take precautions to avoid
bus contention between SYSTEM-1 and SYSTEM-2 when changing directions.
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): SN74LVC1T45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com