Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2027 Datasheet(PDF) 3 Page - Texas Instruments

Part # 2027
Description  TPA2025D1 Audio Power Amplifier Evaluation Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

2027 Datasheet(HTML) 3 Page - Texas Instruments

  2027 Datasheet HTML 1Page - Texas Instruments 2027 Datasheet HTML 2Page - Texas Instruments 2027 Datasheet HTML 3Page - Texas Instruments 2027 Datasheet HTML 4Page - Texas Instruments 2027 Datasheet HTML 5Page - Texas Instruments 2027 Datasheet HTML 6Page - Texas Instruments 2027 Datasheet HTML 7Page - Texas Instruments 2027 Datasheet HTML 8Page - Texas Instruments 2027 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
L
PVDD
PVDD
I
= I
VBAT
0.8
æ
ö
´ ç
÷
´
è
ø
L
BOOST
VBAT
(PVDD
VBAT)
L =
I
PVDD
´
-
´
´
f
www.ti.com
Operation
NOTE:
The TPA2025D1 has an auto pass-through mode. Under normal operation (EN = HIGH), the
boost converter automatically turns off if no audio signal is present at one of the inputs (IN+
or IN-).
2.2
Boost Settings
The default voltage for the boost converter is 5.9 V (unloaded) and cannot be changed. If no audio signal
is present, the boost converter is automatically disabled. Once the audio signal is present at IN+ and IN-,
the boost converter enables automatically, when the output signal exceeds 2 V
PEAK.
2.2.1
Boost Terms
The following is a list of terms and definitions:
C
MIN
Minimum boost capacitance required for a given ripple voltage on PVOUT (PVDD)
L
Boost inductor
f
boost
Switching frequency of the boost converter
I
PVDD
Current pulled by the class-D amplifier from the boost converter
I
PVDD
Current pulled by the class-D amplifier from the boost converter
I
L
Current through the boost inductor.
PVDD (PVOUT)
Supply voltage for the class-D amplifier (Voltage generated by the boost converter
output)
VBAT (VDD)
Supply voltage to the TPA2025D1 (Supply voltage to the EVM).
ΔI
L
Ripple current through the inductor.
ΔV
Ripple voltage on PVOUT (PVDD) due to capacitance
2.2.2
Changing the Boost Inductor
Working inductance decreases as inductor current increases. If the drop in working inductance is severe
enough, it may cause the boost converter to become unstable, or cause the TPA2025D1 to reach its
current limit at a lower output power than expected. Inductor vendors specify currents at which inductor
values decrease by a specific percentage. This can vary by 10% to 35%. Inductance is also affected by dc
current and temperature.
Inductor current rating is determined by the requirements of the load. The inductance is determined by two
factors: the minimum value required for stability and the maximum ripple current permitted in the
application.
Use Equation 1 to determine the required current rating. Equation 1 shows the approximate relationship
between the average inductor current, I
L, to the load current, load voltage, and input voltage (IPVDD,
PVOUT, and VBAT, respectively.) Insert I
PVDD, PVDD, and VBAT into Equation 1 to solve for IL. The
inductor must maintain at least 90% of its initial inductance value at this current.
(1)
The minimum working inductance is 1.3
μH. A lower value may cause instability.
Ripple current,
ΔI
L, is peak-to-peak variation in inductor current. Smaller ripple current reduces core losses
in the inductor as well as the potential for EMI. Use Equation 2 to determine the value of the inductor, L.
Equation 2 shows the relationships among inductance L, VBAT, PVDD, the switching frequency, f
boost, and
ΔI
L. Insert the maximum acceptable ripple current into Equation 2 to solve for L.
(2)
3
SLOU310
– September 2011
TPA2025D1 Audio Power Amplifier Evaluation Module
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com