Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5000 Datasheet(PDF) 40 Page - Texas Instruments

Part # 5000
Description  TLV320AIC3104EVM and TLV320AIC3104EVM-PDK
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5000 Datasheet(HTML) 40 Page - Texas Instruments

Back Button 5000 Datasheet HTML 36Page - Texas Instruments 5000 Datasheet HTML 37Page - Texas Instruments 5000 Datasheet HTML 38Page - Texas Instruments 5000 Datasheet HTML 39Page - Texas Instruments 5000 Datasheet HTML 40Page - Texas Instruments 5000 Datasheet HTML 41Page - Texas Instruments 5000 Datasheet HTML 42Page - Texas Instruments 5000 Datasheet HTML 43Page - Texas Instruments 5000 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
www.ti.com
A.3
Power Supply Connector Pin Header, J15
Power Supply Connector Pin Header, J15
Note that J17 comprises the signals needed for an I2S™ serial digital audio interface; the control interface
(I2C™ and RESET) signals are routed to J16. I2C is actually routed to both connectors; however, the
device is connected only to J16.
J15 provides connection to the common power bus for the TLV320AIC3104EVM. Power is supplied on the
pins listed in Table A-4.
Table A-4. Power Supply Pinout
SIGNAL
PIN NUMBER
SIGNAL
NC J15.1
J15.2 NC
+5VA J15.3
J15.4 NC
DGND J15.5
J15.6 AGND
DVDD (1.8V) J15.7
J15.8 NC
IOVDD (3.3V) J15.9
J15.10 NC
The TLV320AIC3104EVM-PDK motherboard (the USB-MODEVM Interface board) supplies power to J15
of the TLV320AIC3104EVM. Power for the motherboard is supplied either through its USB connection or
via terminal blocks on that board.
40
EVM Connector Descriptions
SLAU218 – August 2007
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com