Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAV0010 Datasheet(PDF) 4 Page - AVX Corporation

Part # MAV0010
Description  Miniature AC Varistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

MAV0010 Datasheet(HTML) 4 Page - AVX Corporation

  MAV0010 Datasheet HTML 1Page - AVX Corporation MAV0010 Datasheet HTML 2Page - AVX Corporation MAV0010 Datasheet HTML 3Page - AVX Corporation MAV0010 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
10 min
60 min
120 min
10 min
60 min
120 min
Max
0.3%
0.6%
0.4%
0.3%
0.5%
0.3%
Min
0.2%
0.2%
0.2%
0.2%
0.1%
0.0%
Average
0.3%
0.3%
0.3%
0.2%
0.2%
0.2%
-10.0%
-7.5%
-5.0%
-2.5%
0.0%
2.5%
5.0%
7.5%
10.0%
Parellel 110 V PP @ 125 kHhz
+ Vb Change
- Vb Change
10 min
60 min
120 min
10 min
60 min
120 min
Max
0.3%
0.3%
0.3%
0.3%
0.3%
0.3%
Min
0.2%
0.2%
0.2%
-0.2%
0.2%
0.2%
Average
0.3%
0.3%
0.3%
0.2%
0.3%
0.2%
-10.0%
-7.5%
-5.0%
-2.5%
0.0%
2.5%
5.0%
7.5%
10.0%
Series 110 V PP @ 125 kHhz
+ Vb Change
- Vb Change
Apply 110V pp
125KHz Sine wave
(Series)
IMPACT OF 110V PEAK TO PEAK SINE WAVE @ 125KhZ ON BREAKDOWN
VOLTAGE
Apply 110V pp
125KHz Sine wave
(Parallel)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com