Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSDXXX60 Datasheet(PDF) 13 Page - Cree, Inc

Part # CSDXXX60
Description  Introducing SiC Schottky Diode
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CSDXXX60 Datasheet(HTML) 13 Page - Cree, Inc

Back Button CSDXXX60 Datasheet HTML 9Page - Cree, Inc CSDXXX60 Datasheet HTML 10Page - Cree, Inc CSDXXX60 Datasheet HTML 11Page - Cree, Inc CSDXXX60 Datasheet HTML 12Page - Cree, Inc CSDXXX60 Datasheet HTML 13Page - Cree, Inc CSDXXX60 Datasheet HTML 14Page - Cree, Inc CSDXXX60 Datasheet HTML 15Page - Cree, Inc CSDXXX60 Datasheet HTML 16Page - Cree, Inc CSDXXX60 Datasheet HTML 17Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
7W Cree Reference Design - Schematic
• Driver Spec
 Input: 240Vac
 O t
t 25Vd 270 A (7W) 40W I
d
t R l
t
 Output: 25Vdc, 270mA (7W) – 40W Incandescent Replacement
 Switching Freq: 125kHz
 Driver IC: TI/National LM3445
Copyright © 2012, Cree, Inc.
pg. 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com