Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV324 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # LMV324
Description  GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LMV324 Datasheet(HTML) 1 Page - Diodes Incorporated

  LMV324 Datasheet HTML 1Page - Diodes Incorporated LMV324 Datasheet HTML 2Page - Diodes Incorporated LMV324 Datasheet HTML 3Page - Diodes Incorporated LMV324 Datasheet HTML 4Page - Diodes Incorporated LMV324 Datasheet HTML 5Page - Diodes Incorporated LMV324 Datasheet HTML 6Page - Diodes Incorporated LMV324 Datasheet HTML 7Page - Diodes Incorporated LMV324 Datasheet HTML 8Page - Diodes Incorporated LMV324 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LMV321/LMV358/LMV324
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL
OUTPUT OPERATIONAL AMPLIFIERS
LMV321/358/324
Document number: DS33196 Rev. 6 - 2
1 of 16
www.diodes.com
February 2011
© Diodes Incorporated
Description
The LMV321/LMV358/LMV324 are low voltage (2.7V to
5.5V) single, dual and quad operational amplifiers. The
LMV321/LMV358/LMV324
are
designed
to
effectively
reduce cost and space at low voltage levels.
These devices have the capability of rail-to-rail output swing
and input common-mode voltage range includes ground.
They can also achieve an efficient speed-to-power ratio,
utilizing 1 MHz bandwidth and 1 V/µs slew rate at a low
supply current. Reducing noise pickup and increasing signal
integrity can be achieved by placing the device close to the
signal source.
The LMV321 is available in 5-Pin SOT353/SOT25 packages
that reduce space on PC boards and portable electronic
devices. The LMV324 is available in the
SOP-14L and
TSSOP-14L package.
The LMV358 is available in the MSOP-8L and SOP-8L
packages.
Features
(For V
+=5V and V-=0V typical unless otherwise noted)
•
Guaranteed 2.7V and 5V performance
•
Crossover distortion eliminated
•
Operating temperature range (-40°C to +85°C)
•
Gain-bandwidth product
1 MHz
•
Low supply current
-
LMV321
110 µA Typ
-
LMV358
190 µA Typ
-
LMV324
340 µA Typ
•
Rail-to-rail output swing @ 10 k
Ω
-
V
+ -10 mV
-
V
- +10 mV
•
Input Common Mode Voltage Range (-0.2 to V
+ -0.8V)
•
Manufactured in standard CMOS process
•
SOT353, SOT25, MSOP-8L, SOP-8L, SOP-14L &
TSSOP-14L: Available in “Green” Molding Compound
(No Br, Sb)
•
Lead-free Finish/ RoHS Compliant (Note 1)
Pin Assignments
1
2
3
5
4
IN+
V-
V+
OUT
+
IN-
-
( Top View )
SOT25 / SOT353
Application
•
Active filters
•
General purpose low voltage applications
•
General purpose portable devices
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html
( Top View )
1
2
3
7
6
5
4
8
SOP-8L / MSOP-8L
OUTA
IN
A-
IN
A+
V
-
V
+
OUTB
IN
B-
IN
B+
B
+
-
A
-
+
(Top View)
1
2
3
13
12
11
4
14
SOP-14L / TSSOP-14L
OUTA
INA-
INA+
V
+
OUTD
IND-
IND+
D
+
-
A
-
+
7
6
5
9
10
8
OUTB
INB-
INB+
V
-
OUTC
INC-
INC+
+
-
C
-
+
B
(Top View)
1
2
3
13
12
11
4
14
SOP-14L / TSSOP-14L
OUTA
INA-
INA+
V
+
OUTD
IND-
IND+
D
+
-
A
-
+
7
6
5
9
10
8
OUTB
INB-
INB+
V
-
OUTC
INC-
INC+
+
-
C
-
+
B


Similar Part No. - LMV324

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LMV324 FAIRCHILD-LMV324 Datasheet
515Kb / 16P
General Purpose, Low Voltage, Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMV324 TI-LMV324 Datasheet
792Kb / 31P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV324 TI-LMV324 Datasheet
928Kb / 32P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LMV324 STMICROELECTRONICS-LMV324 Datasheet
199Kb / 14P
Low cost low power input/output rail-to-rail operational amplifiers
20-Feb-2008
LMV324 STMICROELECTRONICS-LMV324 Datasheet
195Kb / 14P
Low cost low power input/output rail-to-rail operational amplifiers
20-Feb-2008
More results

Similar Description - LMV324

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLMV358 UTC-UTCLMV358 Datasheet
925Kb / 9P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
LMV321 FAIRCHILD-LMV321 Datasheet
515Kb / 16P
General Purpose, Low Voltage, Rail-to-Rail Output Amplifiers
logo
Unisonic Technologies
LMV358 UTC-LMV358_05 Datasheet
269Kb / 12P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
LMV321 DIODES-LMV321_10 Datasheet
625Kb / 15P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
DS33196 Rev. 5 - 2
logo
Unisonic Technologies
LLV321 UTC-LLV321 Datasheet
202Kb / 6P
GENERAL PURPOSE, LOW VOLTAGE,RAIL-TO-RAIL OUTPUT AMPLIFIERS
LMV358 UTC-LMV358_09 Datasheet
459Kb / 12P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LV358 UTC-LV358 Datasheet
412Kb / 12P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
LMV321 FAIRCHILD-LMV321_12 Datasheet
1Mb / 16P
General Purpose, Low Voltage, Rail-to-Rail Output Amplifiers
logo
Unisonic Technologies
LV324 UTC-LV324 Datasheet
184Kb / 6P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
L6132 UTC-L6132_17 Datasheet
471Kb / 12P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL VOLTAGE, RAIL-TO-RAIL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com