Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1250 Datasheet(PDF) 13 Page - Microchip Technology

Part # AN1250
Description  Microchip CTMU for Capacitive Touch Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN1250 Datasheet(HTML) 13 Page - Microchip Technology

Back Button AN1250 Datasheet HTML 9Page - Microchip Technology AN1250 Datasheet HTML 10Page - Microchip Technology AN1250 Datasheet HTML 11Page - Microchip Technology AN1250 Datasheet HTML 12Page - Microchip Technology AN1250 Datasheet HTML 13Page - Microchip Technology AN1250 Datasheet HTML 14Page - Microchip Technology AN1250 Datasheet HTML 15Page - Microchip Technology AN1250 Datasheet HTML 16Page - Microchip Technology AN1250 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
© 2009 Microchip Technology Inc.
DS01250A-page 13
AN1250
CAPACITIVE TOUCH SLIDER
The capacitive touch slider senses the position of a
finger along a strip of the circuit board. The area desig-
nated as the strip has two capacitive sensor channels,
each formed in the shape of a triangle (see Figure 7 and
Figure A-2). The schematic of the PICDEM Touch
Sense 2 Demo Board with the cover plate removed
shows the slider toward the right hand side of the board.
FIGURE 7:
SLIDER IMPLEMENTATION
COPPER PAD SHAPE
Notice that the trace between the two triangular pads is
grounded. This trace provides additional isolation
between the two triangular capacitive touch sensors by
reducing the effect of capacitive coupling.
The slider works by reading the amount of shift in
capacitance from a normal untouched sensor. The slow
moving average described earlier is used to track the
untouched “base” capacitance of each of the two
sensors. When the value is shifted from this base value
to a value where the trip point is reached for either of
the two slider sensors, the base value is then locked
and the slow moving average is no longer used for
slider position calculations until the value of both slider
sensors is again above the trip threshold. The base
values for each of the two sensors is captured and
used for the slider position calculations. The software
algorithm then looks at the change in the slider value
from the captured base value. The position of a finger
on the slider is then determined by the following
equations.
EQUATION 1:
Since the left triangular sensor has its point at the
bottom of the slider, it is expected that the shift in
capacitance from a finger on the slider at the bottom will
be minimal, and maximum when a finger is positioned
at the top. The position of the left sensor (scaled for a
value of 0 to 100) is shown in Equation 2:
EQUATION 2:
Similarly, the right triangular sensor is large at the bottom
of the slider and a finger positioned at the bottom would
cause the largest shift in capacitance, while a finger at
the top of the slider would produce a minimum amount
of capacitance shift. The position of the right sensor
(again scaled for a value 0 to 100) is shown in
Equation 3:
EQUATION 3:
Finally, the two values may be averaged for the final
position calculation:
EQUATION 4:
It should also be noted that when neither the left nor
right slider has crossed the tripped value (base or
unpressed), the position is not calculated. This
prevents jitter between values that are displayed on the
slider LEDs.
To achieve maximum linearity and accuracy of the slider,
it is important to keep the capacitance for each of the
triangular sensors matched as closely as possible since
the software algorithm is using and comparing the
values for two triangular sensors. The trace lengths to
each triangular sensor and adjacent sensors, LEDs and
other board traces become important. The CTMU cur-
rent trimming capability, mentioned in the “Multiple
Keys Press”
section, is applicable to the slider sensors
as well.
To Input Pin B
To Input Pin A
Note: Slider is not to scale.
Delta Left = (Captured Left Base Capacitance – Current Left Value)
Delta Right = (Captured Right Base Capacitance – Current Right Value
Left Position = (Delta Left * 100)/(Delta Left + Delta Right)
Right Position = ((1 – Delta Right) * 100)/(Delta Left + Delta Right))
Position = (Left Position + Right Position)/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com