Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL3ICS1002 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # SL3ICS1002
Description  512-bit user memory (G2XM only)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3ICS1002 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button SL3ICS1002 Datasheet HTML 23Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 24Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 25Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 26Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 27Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 28Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 29Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 30Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
139036
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.6 — 10 March 2011
139036
27 of 56
NXP Semiconductors
SL3ICS1002/1202
UCODE G2XM and G2XL
14.5 Data integrity
The G2X ignores invalid commands. In general, "invalid" means a command that (1) is
incorrect given the current the G2X state, (2) is unsupported by the G2X, (3) has incorrect
parameters, (4) has a CRC error, (5) specifies an incorrect session, or (6) is in any other
way not recognized or not executable by the G2X. The actual definition of "invalid" is
state-specific and defined, for each G2X state, in n Section 18, Ref. 1 Annex B and
Annex C.
All UCODE G2X backscatter error codes are summarized in Section 18, Ref. 1 Error
codes, Annex I. For a detailed description of the individual backscatter error situations
which are command specific please refer to the Section 18, Ref. 1 individual command
description section 6.3.2.10.
14.6 CRC
A CRC-16 is a cyclic-redundancy check that an interrogator uses when protecting certain
R=>T commands, and the G2X uses when protecting certain backscattered T=>R
sequences. To generate a CRC-16 an interrogator or the G2X first generates the CRC-16
precursor shown in Section 18, Ref. 1 Table 6.11, then take the ones-complement of the
generated precursor to form the CRC-16. For a detailed description of the CRC-16
generation and handling rules refer to Section 18, Ref. 1, chapter 6.3.2.1.
The CRC-5 is only used to protect the Query command (out of the mandatory command
set). It is calculated out of X5 + X3 + 1. For a more detailed CRC-5 description refer to
Section 18, Ref. 1, table 6.12.
For exemplary schematic diagrams for CRC-5 and CRC-16 encoder/decoder refer to
Section 18, Ref. 1, Annex F.
For a CRC calculation example refer to Section 16.1, Table 32 and Table 33.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com