Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL3S1002AC0 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # SL3S1002AC0
Description  512-bit user memory (G2XM only)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3S1002AC0 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button SL3S1002AC0 Datasheet HTML 12Page - NXP Semiconductors SL3S1002AC0 Datasheet HTML 13Page - NXP Semiconductors SL3S1002AC0 Datasheet HTML 14Page - NXP Semiconductors SL3S1002AC0 Datasheet HTML 15Page - NXP Semiconductors SL3S1002AC0 Datasheet HTML 16Page - NXP Semiconductors SL3S1002AC0 Datasheet HTML 17Page - NXP Semiconductors SL3S1002AC0 Datasheet HTML 18Page - NXP Semiconductors SL3S1002AC0 Datasheet HTML 19Page - NXP Semiconductors SL3S1002AC0 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
139036
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.6 — 10 March 2011
139036
16 of 56
NXP Semiconductors
SL3ICS1002/1202
UCODE G2XM and G2XL
8.2 SOT1040 specification
Table 8.
Mechanical properties SOT1040AA1
Package name
Outline code
Lead frame format
Package size
Antenna bond pad size
SOT1040
SOT1040AA1
single row
length: 9 mm
3,0 x 3,0 mm
product pitch: 4 mm
width: 4 mm
metallization: 12
μm Cu
substrate: 38
μm PET
thickness: max. 250
μm
Table 9.
Mechanical properties SOT1040AB2
Package name
Outline code
Lead frame format
Package size
Antenna bond pad size
SOT1040
SOT1040AB2
single row
length: 9 mm
3,0 x 3,0 mm
product pitch: 4 mm
width: 4 mm
metallization: 20
μm Al
substrate: 38
μm PET
thickness: max. 250
μm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com