Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL3ICS1202FUG-V7AF Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SL3ICS1202FUG-V7AF
Description  512-bit user memory (G2XM only)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3ICS1202FUG-V7AF Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SL3ICS1202FUG-V7AF Datasheet HTML 5Page - NXP Semiconductors SL3ICS1202FUG-V7AF Datasheet HTML 6Page - NXP Semiconductors SL3ICS1202FUG-V7AF Datasheet HTML 7Page - NXP Semiconductors SL3ICS1202FUG-V7AF Datasheet HTML 8Page - NXP Semiconductors SL3ICS1202FUG-V7AF Datasheet HTML 9Page - NXP Semiconductors SL3ICS1202FUG-V7AF Datasheet HTML 10Page - NXP Semiconductors SL3ICS1202FUG-V7AF Datasheet HTML 11Page - NXP Semiconductors SL3ICS1202FUG-V7AF Datasheet HTML 12Page - NXP Semiconductors SL3ICS1202FUG-V7AF Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
139036
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.6 — 10 March 2011
139036
9 of 56
NXP Semiconductors
SL3ICS1002/1202
UCODE G2XM and G2XL
Fig 5.
Package outline SOT1122
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1122
MO-252
sot1122_po
Unit
mm
max
nom
min
0.50
0.04
0.55
0.425
0.30
0.25
0.22
0.35
0.30
0.27
A(1)
Dimensions
Notes
1. Dimension A is including plating thickness.
2. Can be visible in some manufacturing processes.
SOT1122
A1
D
1.50
1.45
1.40
1.05
1.00
0.95
Ee
e1
0.55
0.50
0.47
0.45
0.40
0.37
bb1
LL1
09-10-09
XSON3: plastic extremely thin small outline package; no leads; 3 terminals; body 1 x 1.45 x 0.5 mm
D
E
e1
e
A1
b1
L1
L
e1
0
1
2 mm
scale
3
1
2
b
4
×
(2)
4
×
(2)
A
pin 1 indication
type code
terminal 1
index area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com