Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4235 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # SFH4235
Description  IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4235 Datasheet(HTML) 7 Page - OSRAM GmbH

  SFH4235 Datasheet HTML 1Page - OSRAM GmbH SFH4235 Datasheet HTML 2Page - OSRAM GmbH SFH4235 Datasheet HTML 3Page - OSRAM GmbH SFH4235 Datasheet HTML 4Page - OSRAM GmbH SFH4235 Datasheet HTML 5Page - OSRAM GmbH SFH4235 Datasheet HTML 6Page - OSRAM GmbH SFH4235 Datasheet HTML 7Page - OSRAM GmbH SFH4235 Datasheet HTML 8Page - OSRAM GmbH SFH4235 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SFH 4235
2011-03-30
7
Empfohlenes Lötpaddesign
Recommended Solder Pad Design
Solder resist
Freies Kupfer
Bare Copper
Lötpasten Schablone
Solder paste stencil
Lötstopplack
OHAY0681
Kupfer
Copper
1.6 (0.063)
11.6 (0.457)
12.0 (0.472)
1.6 (0.063)
11.6 (0.457)
3 Lötstellen
3 solder points
Thermal enhanced PCB
Thermisch optimiertes PCB
ø4.0 (0.157)
Heatsink attach
ø4.0 (0.157)
ø2.5 (0.098)
Achtung:
Anode und Heatsink sind elektrisch verbunden
Attention:
Anode and Heatsink are electrically connected
Footprint



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com