Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

POE240U-1MP-N-R Datasheet(PDF) 45 Page - Phihong USA Inc.

Part # POE240U-1MP-N-R
Description  Phihong Midspan POE with TCPIP (SNMPv2c)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

POE240U-1MP-N-R Datasheet(HTML) 45 Page - Phihong USA Inc.

Back Button POE240U-1MP-N-R Datasheet HTML 37Page - Phihong USA Inc. POE240U-1MP-N-R Datasheet HTML 38Page - Phihong USA Inc. POE240U-1MP-N-R Datasheet HTML 39Page - Phihong USA Inc. POE240U-1MP-N-R Datasheet HTML 40Page - Phihong USA Inc. POE240U-1MP-N-R Datasheet HTML 41Page - Phihong USA Inc. POE240U-1MP-N-R Datasheet HTML 42Page - Phihong USA Inc. POE240U-1MP-N-R Datasheet HTML 43Page - Phihong USA Inc. POE240U-1MP-N-R Datasheet HTML 44Page - Phihong USA Inc. POE240U-1MP-N-R Datasheet HTML 45Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 45 / 45 page
background image
Phihong USA Corporation • 47800 Fremont Blvd. Fremont, CA 94538 • Tel: 1.510.445.0100 Fax: 1.510.445.1678
www.phihong.com or www.midspans.com
-45-
7.
Frequently Asked Questions
Q1: What should I do if I forgot the hostname?
A1: You can connect the Midspan to your PC directly, use default IP 10.0.2.5 to open the web or make
SNMP contact (see details in section TFTP uploading (Power-On Reset Entry Mode). You can
find the hostname in the web display or read the contents of the OID <hostname> in SNMP.
Q2: What should I do if I forgot the login username and password?
A2: If you still know the SNMP community strings, open the SNMP interface and set a value ‘1’ for
the OID <restore>, the midspan restores itself to the factory defaults. You can reset with your new
login username and password.
Q3: What should I do if I forget the SNMP community strings?
A3: If you still know the web login username and password, open System Tools in the web interface,
click on the Restore Defaults button. Your midspan will restore to its factory default settings.
You can reset your new Read-Write Community String and Read-Only Community Strings on the
SNMP webpage.
Q4: What should I do if I forgot both login credentials and SNMP community strings?
A4: Please contact Phihong Support directly for further information on this topic.
Q5: There is no Configuration menu on the HTTP webpage, what should I do?
A5: Make sure that your web browser is compatible with the ones listed below. If it is not then upgrading
would be the best solution.
Q6: My PC has Internet Explorer 7. After I use the Reboot function under the menu Configure/
System Tools three times, the hostname link on Reboot page doesn’t work anymore.
A6: Close the browser and re-open a new window. This is a known limitation with the Internet Explorer
7 program. There are no other known restrictions on IE7 at this time. You can also upgrade your
Internet Explorer to latest version IE8. Other compatible web browsers include Firefox, Opera,
Google Chrome, and Safari.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com