Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

POE240U-4UP-N-R Datasheet(PDF) 40 Page - Phihong USA Inc.

Part # POE240U-4UP-N-R
Description  Phihong Midspan POE with TCPIP (SNMPv2c)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

POE240U-4UP-N-R Datasheet(HTML) 40 Page - Phihong USA Inc.

Back Button POE240U-4UP-N-R Datasheet HTML 36Page - Phihong USA Inc. POE240U-4UP-N-R Datasheet HTML 37Page - Phihong USA Inc. POE240U-4UP-N-R Datasheet HTML 38Page - Phihong USA Inc. POE240U-4UP-N-R Datasheet HTML 39Page - Phihong USA Inc. POE240U-4UP-N-R Datasheet HTML 40Page - Phihong USA Inc. POE240U-4UP-N-R Datasheet HTML 41Page - Phihong USA Inc. POE240U-4UP-N-R Datasheet HTML 42Page - Phihong USA Inc. POE240U-4UP-N-R Datasheet HTML 43Page - Phihong USA Inc. POE240U-4UP-N-R Datasheet HTML 44Page - Phihong USA Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
Phihong USA Corporation • 47800 Fremont Blvd. Fremont, CA 94538 • Tel: 1.510.445.0100 Fax: 1.510.445.1678
www.phihong.com or www.midspans.com
-40-
Figure 32:TFTP Uploading using Application Entry Mode
5. Reboot the midspan by clicking the Reboot button in the web controller (or clicking the first icon
on the upper left hand corner in Set – xxxxxx.0 window to validate the Set value for the SNMP
interface). Then quickly switch to the Command Prompt Console to execute TFTP.
6. If successful, the TFTP client will indicate how long the transfer took as well as the transfer rate.
7. After a successful write, the boot loader will quit after a few seconds and the POE unit will start to
execute the new application that was just loaded.
If the boot loading process is interrupted due to a network failure or user cancellation, the boot loading
may be resumed by simply retrying the TFTP command, provided the power is not cycled. However,
if the boot loading operation is interrupted due to power failure, the boot loading must be recovered
using the following TFTP Power-On Reset Entry Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com